Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 16 of 31
OSCILLATOR
By connecting a resistor from the RT pin to ground, the fSW of the
ADP5056 can be set to a value between 250 kHz and 2500 kHz.
Calculate the RT resistor value in kΩ as follows:
0.998
167,305
=
T
SW
R
f
Figure 32 shows the typical relationship between the fSW and the RT
resistor. The adjustable frequency allows users to make decisions
based on the trade-off between efficiency and solution size.
3000
2500
2000
1000
1500
500
0
30
130
230
330
430
530
630
730
RT RESISTANCE (kΩ)
Figure 32. Switching Frequency vs. RT Resistance
Out-Of-Phase Operation
By default, the phase shift between Channel 1, Channel 2, and
Channel 3 is 120°. This value provides the benefits of out-of-
phase operation by reducing the input ripple current and
lowering the ground noise.
CH2
CH1
CH3
120° PHASE SHIFT
0° REFERENCE
240° PHASE SHIFT
Figure 33. Phase Shift Diagram, Three Buck Regulators
In the in phase parallel operation configuration of Channel 1
and Channel 2, both channels operate in the same phase of
Channel 1.
In the interleaved parallel operation configuration of Channel 1
and Channel 2, the phase shift between Channel 1, Channel 2, and
Channel 3 is 0°, 180°, and 240°.
CH1 5.0V/DIV 1
BW: 500M
CH2 5.0V/DIV 1
BW: 20.0M
CH3 5.0V/DIV 1
BW: 20.0M
2.0µs/DIV 100MS/s
A CH1
500mV
10.0ns/pt
1
2
3
T
Figure 34. 120° Phase Shift Waveforms, Three Buck Regulators:
Channel 1 = SW1, Channel 2 = SW2, Channel 3 = SW3
SYNCHRONIZATION INPUT/OUTPUT
The switching frequency of the ADP5056 can be synchronized
to an external clock with a frequency range from 250 kHz to
2700 kHz. The ADP5056 automatically detects the presence of
an external clock applied to the SYNC/MODE pin, and the
switching frequency transitions smoothly to the frequency of
the external clock. When the external clock signal stops, the
device automatically switches back to the internal clock and
continues to operate.
Note that the internal switching frequency set by the RT pin must
be programmed to a value that is close to the external clock value
for successful synchronization. The suggested frequency difference
is less than ±15% in typical applications.
The SYNC/MODE pin can be configured as a synchronization
clock output by the CFG1 pin (refer to Table 6). A positive clock
pulse with a 50% duty cycle and VREG voltage level is generated
at the SYNC/MODE pin with a frequency equal to the internal
switching frequency set by the RT pin.
Figure 35 shows two ADP5056 devices configured for frequency
synchronization mode. One ADP5056 device is configured as the
clock output to synchronize another ADP5056 device.
SYNC/
MODE
SYNC/
MODE
ADP5056
(1)
CFG1
(CLOCK MASTER)
(SLAVE)
ADP5056
(2)
(CLOCK OUT) (SYNC IN)
R1
R2
CFG1
Figure 35. Two ADP5056 Devices Configured for Synchronization Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com