Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 12 of 31
–50
50
75
–25
25
0
100
TEMPERATURE FOR CHANNEL 1 (°C)
125
150
175
0.5
0.4
–0.5
–0.4
0.3
–0.3
0.2
–0.2
0.1
–0.1
0
Figure 16. Feedback Voltage Accuracy vs. Temperature for Channel 1
–50
50
75
–25
25
0
100
TEMPERATURE (°C)
125
150
175
750
500
550
600
650
700
Figure 17. Frequency vs. Temperature, VIN = 12 V
–50
50
75
–25
25
0
100
TEMPERATURE (°C)
125
150
175
8
3
4
5
6
7
Figure 18. Quiescent Current vs. Temperature
(Includes PVIN1, PVIN2, and PVIN3)
–50
50
75
–25
25
0
100
TEMPERATURE (°C)
125
150
175
70
65
20
25
60
30
55
35
50
40
45
VBIAS = 4.5V
VBIAS = 12V
VBIAS = 18V
Figure 19. Shutdown Current vs. Temperature (EN1, EN2, and EN3 Low)
–50
50
75
–25
25
0
100
TEMPERATURE (°C)
125
150
175
5.0
3.0
3.2
3.4
4.8
3.6
4.6
3.8
4.4
4.0
4.2
Figure 20. UVLO Threshold vs. Temperature
CH1 2.0mV/DIV
B
W: 20.0M
CH2 5.0V/DIV 1MΩ BW: 20.0M
CH1 2.0mV/DIV
B
W: 20.0M
CH2 5.0V/DIV 1MΩ BW: 20.0M
1.0µs/DIV 100MS/s
A CH2
4.3V
10.0ns/pt
1
2
Figure 21. Channel 1/Channel 2 Steady State Waveform, VIN = 12 V,
VOUT = 1.2 V, IOUT = 7 A, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 6,
FPWM Mode, Channel 1 = VOUT, Channel 2 = Switching Point (SW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com