Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 27 of 31
0.1µF L1
VOUT1
0.8µH
1.0V/14A
30.1k
Ω
20k
Ω
C4
100µF
C5
100µF
C6
100µF
C7
100µF
0.1µF
SW1
PVIN1
PVIN2
PVIN3
COMP3
12V
GND
ADP5056
PGND
402k
Ω
COMP1
RAMP1
COMP2
VREG
VBIAS
RT
SYNC/MODE
GND
CFG1
GND
PWRGD
C1
4.7µF
RAMP2
499k
Ω
23.7Ω
RAMP3
EN1
EN2
EN3
FB1
L2
SW2
PGND
0.8µH
FB2
L3
SW3
VOUT3
PGND
C14
47µF
FB3
20k
Ω
13.3k
Ω
1.5V/3A
VREG
280k
Ω
BST1
BST2
0.1µF
180pF
BST3
C2
4.7µF
C3
22µF
C8
22µF
C13
10µF
1nF 22.1kΩ
402kΩ
470pF 30.9kΩ
CFG2
C15
47µF
C16
47µF
2.2µH
C9
100µF
C10
100µF
LOGIC
180pF
CHANNEL 1
7A BUCK
CHANNEL 2
7A BUCK
CHANNEL 3
3A BUCK
INTERNAL
VREG
OSCILLATOR
Figure 48. Typical Channel 1/Channel 2 Interleaved Parallel Application, 12 V Input, fSW = 600 kHz, VOUT1 = 1.0 V, VOUT3 = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com