Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 18 of 31
PARALLEL OPERATION
The ADP5056 supports 2-phase parallel operation of Channel 1
and Channel 2 to provide a single output with up to 14 A of
current. The ADP5056 includes two different parallel operation
modes via the CFG1 pin configuration: in phase parallel operation
and interleaved parallel operation.
In Phase Parallel Operation
In phase parallel operation parallels internal MOSFETs and driver
circuitry between Channel 1 and Channel 2. In phase parallel
operation treats Channel 1 as the control master, and the Channel
2 control stage is ignored. The in phase parallel operation mode
uses a single inductor for external components and space saving. To
configure Channel 1 and Channel 2 for in phase parallel single
output operation, do the following (see Figure 37):
Use the CFG1 pin to select in phase parallel operation, as
specified in Table 6.
Use the COMP1 pin as the compensation network.
Use the FB1 pin to set the output voltage.
Use the EN1 pin to enable the channel.
Connect the FB2 pin to ground (FB2 is ignored).
Leave the COMP2 pin open (COMP2 is ignored).
Leave the RAMP2 pin open (RAMP2 is ignored).
Connect the EN2 pin to ground (EN2 is ignored).
CHANNEL 1
BUCK
(7A)
CHANNEL 2
BUCK
(7A)
FB1
PVIN1
VIN
EN1
EN2
COMP1
SW1
L1
FB2
SW2
PVIN2
COMP2
CFG1
VOUT1
(UP TO 14A)
PGND
PGND
RAMP1
RAMP2
Figure 37. In Phase Parallel Operation for Channel 1 and Channel 2
Interleaved Parallel Operation
The ADP5056 supports 2-phase interleaved parallel operation of
Channel 1 and Channel 2 to provide a single output with up to
14 A of current. In this mode, two channels operate in 180° out
of phase operation and rely on an individual control loop to achieve
current balance between the two channels. The interleaved parallel
operation mode uses two inductors with the advantages of ripple
current cancellation and higher equivalent switching frequency.
To configure a two-phase interleaved parallel operation, do the
following (see Figure 38):
Use the CFG1 pin to select interleaved parallel operation,
as specified in Table 6.
Use the COMP1 pin as the compensation network.
Use the same RAMP1 and RAMP2 resistors.
Use the FB1 pin to set the output voltage.
Use the EN1 pin to enable the channel.
Connect the FB2 pin to ground (FB2 is ignored).
Leave the COMP2 pin open (COMP2 is ignored).
Connect the EN2 pin to ground (EN2 is ignored).
CHANNEL 1
BUCK
(7A)
CHANNEL 2
BUCK
(7A)
FB1
PVIN1
VIN
EN1
EN2
COMP1
SW1
L1
FB2
SW2
PVIN2
COMP2
CFG1
VOUT1
(UP TO 14A)
RAMP2
PGND
PGND
RAMP1
L2
Figure 38. Interleaved Parallel Operation for Channel 1 and Channel 2
The current balance in parallel configuration is well balanced
by careful designs of symmetrical printed circuit board (PCB)
layout and circuitry designs. Figure 39 and Figure 40 show the
typical current balance matching in the parallel output
configuration.
2
CH1 5.0V/DIV
1MΩ BW: 20.0M
CH2 5.0V/DIV
1MΩ BW: 20.0M
CH3 2.0A/DIV
50Ω
B
W:20.0M
CH4 2.0A/DIV
50Ω
B
W:20.0M
2.0µs/DIV 50.0MS/s
A CH1
800mV
20.0ns/pt
T
1
3
4
Figure 39. Steady State Waveform in Interleaved Parallel Output
Configuration, VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, FPWM Mode,
Channel 1 = SW1, Channel 2 = SW2, Channel 3 = Current of Inductor L1,
Channel 4 = Current of Inductor L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com