Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 17 of 31
In the configuration shown in Figure 35, the phase shift between
Channel 1 of the first ADP5056 device and Channel 1 of the
second ADP5056 device is 0° (see Figure 36).
CH1 2.0V/DIV 1
MΩ BW: 500M
CH2 5.0V/DIV 1
MΩ BW: 20.0M
CH3 5.0V/DIV 1
MΩ BW: 20.0M
500ns/DIV 200MS/s
A CH1
2.88V
5.0ns/pt
1
2
3
T
Figure 36. Waveforms of Two ADP5056 Devices Operating in
Synchronization Mode, Channel 1 = Synchronization Clock Output of First
ADP5056 Device, Channel 2 = SW1 of First ADP5056 Device, Channel 3 =
SW1 of Second ADP5056 Device
SOFT START
The buck regulators in the ADP5056 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. The soft start time
for all channels is fixed at 0.83 × tSET timer (2.2 ms or 17.3 ms,
depending on RCFG2 value).
FUNCTION CONFIGURATIONS (CFG1 AND CFG2)
The ADP5056 includes the CFG1 pin and CFG2 pin to decode the
function configurations for all channels. The logic statuses of
each pin is decoded by connecting one resistor to ground. It is
recommended to use ±1% resistor tolerance to achieve accurate
decoding.
This decoder circuitry only works in the initiation stage of the
ADP5056 when VBIAS passes the power-on reset (POR)
threshold. Therefore, those configurations are latched into
internal registers and cannot be changed in operation.
The CFG1 pin can be used to program the SYNC/MODE pin or
CLKOUT, the load output capability, and parallel operation for
all channels. Table 6 provides the values of RCFG1 needed to set
different functionality in the CFG1 pin.
The CFG2 pin can be used to program the tSET timer (2.6 ms or
20.8 ms), fast transient functionality, and sequence for the three
channels. Table 7 provides the values of RCFG2 needed to set
different functionality in the CFG2 pin.
Table 6. Configuration by the CFG1 Pin
RCFG1
(kΩ),
±1%
GPIO
Output Capability
Channel 1
Channel 2
Channel 3
0 (GND)
SYNC/MODE
7 A
7 A
3 A
14.3
SYNC/MODE
7 A
7 A
1.5 A
16.9
SYNC/MODE
7 A
3.5 A
3 A
20.0
SYNC/MODE
7 A
3.5 A
1.5 A
23.7
SYNC/MODE
Interleaved
parallel (14 A)
Interleaved
parallel (14 A)
3 A
Open
SYNC/MODE
3.5 A
3.5 A
1.5 A
32.4
SYNC/MODE
In phase
parallel (14 A)
In phase
parallel (14 A)
3 A
39.2
Clock output
7 A
7 A
3 A
47.5
Clock output
7 A
7 A
1.5 A
57.6
Clock output
7 A
3.5 A
3 A
71.5
Clock output
7 A
3.5 A
1.5 A
90.9
Clock output
3.5 A
7 A
3 A
127
Clock output
Interleaved
parallel (14 A)
Interleaved
parallel (14 A)
3 A
200
Clock output
3.5 A
3.5 A
1.5 A
511
Clock output
In phase
parallel (14 A)
In phase
parallel (14 A)
3 A
Table 7. Configuration by the CFG2 Pin
RCFG2 (kΩ),
±1%
tSET timer
(ms)
Fast
Transient
Start-Up Sequence
0 (GND)
2.6
Disable
No delay
14.3
2.6
Disable
Channel 1, Channel 2,
Channel 3
16.9
2.6
Disable
Channel 2, Channel 1,
Channel 3
20
2.6
Disable
Channel 3, Channel 1,
Channel 2
23.7
2.6
Enable
No delay
32.4
2.6
Enable
Channel 1, Channel 2,
Channel 3
39.2
2.6
Enable
Channel 3, Channel 1,
Channel 2
Open
20.8
Disable
No delay
47.5
20.8
Disable
Channel 1, Channel 2,
Channel 3
57.6
20.8
Disable
Channel 2, Channel 1,
Channel 3
71.5
20.8
Disable
Channel 3, Channel 1,
Channel 2
90.9
20.8
Enable
No delay
127
20.8
Enable
Channel 1, Channel 2,
Channel 3
200
20.8
Enable
Channel 2, Channel 1,
Channel 3
511
20.8
Enable
Channel 3, Channel 1,
Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com