Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 24 of 31
POWER DISSIPATION
The total power dissipation in the ADP5056 simplifies to
PD = PBUCK1 + PBUCK2 + PBUCK3
where:
PD is the power dissipation in the package.
PBUCK1 is the power dissipation of Channel 1.
PBUCK2 is the power dissipation of Channel 2.
PBUCK3 is the power dissipation of Channel 3.
Buck Regulator Power Dissipation
The power dissipation (PLOSS) for each buck regulator includes
power switch conduction losses (PCOND), switching losses (PSW),
and transition losses (PTRAN). Other sources of power dissipation
exist, but these sources are generally less significant at the high
output currents of the application thermal limit.
Use the following equation to estimate the power dissipation of
the buck regulator:
PLOSS = PCOND + PSW + PTRAN
Power Switch Conduction Loss (PCOND)
Power switch conduction losses are caused by the flow of output
current through both the high-side and low-side power switches.
Each of these switches has internal on resistance (RDSON).
Use the following equation to estimate the power switch
conduction loss:
PCOND = (RDSON_HS × D + RDSON_LS × (1 − D)) × IOUT2
where:
RDSON_HS is the on resistance of the high-side MOSFET.
RDSON_LS is the on resistance of the low-side MOSFET.
Switching Loss (PSW)
Switching losses are associated with the current drawn by the
driver to turn the power devices on and off at the switching
frequency. Each time a power device gate is turned on or off,
the driver transfers a charge from the input supply to the gate,
and then from the gate to ground. Use the following equation to
estimate the switching loss:
PSW = (CGATE_HS + CGATE_LS) × VIN2 × fSW
where:
CGATE_HS is the gate capacitance of the high-side MOSFET.
CGATE_LS is the gate capacitance of the low-side MOSFET.
Transition Loss (PTRAN)
Transition losses occur because the high-side MOSFET cannot
turn on or off instantaneously. During a switch node transition,
the MOSFET provides all the inductor current. The source to
drain voltage of the MOSFET is half the input voltage, resulting
in power loss. Transition losses increase with both load and input
voltage and occur twice for each switching cycle. Use the following
equation to estimate the transition loss:
PTRAN = 0.5 × VIN × IOUT × (tR + tF) × fSW
where:
tR is the rise time of the switch node.
tF is the fall time of the switch node.
JUNCTION TEMPERATURE
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to power dissipation, as shown in the following
equation:
TJ = TA + TR
where:
TJ is the junction temperature.
TA is the ambient temperature.
TR is the rise in temperature of the package due to power
dissipation.
The rise in temperature of the package is directly proportional
to the power dissipation in the package. The proportionality
constant for this relationship is the thermal resistance from the
junction of the die to the ambient temperature, as shown in the
following equation:
TR = θJA × PD
where:
θJA is the thermal resistance from the junction of the die to the
ambient temperature of the package (see Table 4).
An important factor to consider is that the thermal resistance
value is based on a 4-layer, 4 inch × 3 inch PCB with 2.5 oz. of
copper, as specified in the JEDEC standard, whereas real-world
applications may use PCBs with different dimensions and a
different number of layers.
It is important to maximize the amount of copper used to
remove heat from the device. Copper exposed to air dissipates
heat better than copper used in the inner layers. Connect Pin 35,
Pin 36, and Pin 37 to the ground plane with the maximum
number of vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com