Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5056ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 5 of 31
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Leakage Current for PWRGD Pin
IPWRGD_LEAKAGE
0.1
1
µA
Output Low Voltage for PWRGD Pin
VPWRGD_LOW
10
150
mV
PWRGD pin current (IPWRGD) = 1 mA
THERMAL SHUTDOWN (TSD)
Thermal Shutdown Threshold
TSHDN
175
°C
Thermal Shutdown Hysteresis
THYS
15
°C
1
tSET is the setting time programmed by CFG2.
BUCK REGULATOR SPECIFICATIONS
VIN = 12 V, VREG = 4.8 V, fSW = 600 kHz for all channels, TJ = −40°C to +150°C for minimum and maximum specifications, and TA = 25°C
for typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CHANNEL 1 BUCK REGULATOR
Continuous Output Current
IO
7
Determined by CFG1 pin configuration
(see Table 6), CFG1 resistor (RCFG1) = 0 Ω
3.5
Determined by CFG1 pin configuration
(see Table 6), RCFG1 = open
FB1 Pin
Feedback Voltage
600
mV
Feedback Voltage Accuracy
VFB1_DEFAULT
−0.25
+0.25
%
TJ = 25°C
Feedback Reference Voltage of
Channel 1 (VFB1) = 600 mV Default
−0.62
+0.69
%
−40°C ≤ TJ ≤ +125°C
−0.62
+0.83
%
−40°C ≤ TJ ≤ +150°C
Feedback Bias Current
IFB1
0.1
µA
Adjustable voltage
SW1 Pin
High-Side Power Field Effect Transistor
(FET) On Resistance
RDSON_HS(1)
25
mΩ
Pin to pin measurement
Low-Side Power FET On Resistance
RDSON_LS(1)
12
mΩ
Pin to pin measurement
Valley Current-Limit Threshold
ITH(ILIM1)
9.4
A
Current limit of Channel 1 (ILIM1) = 7 A,
TJ = 25°C
4.4
A
ILIM1 = 3.5 A, TJ = 25°C
Negative Current-Limit Threshold
ITH(ILIM1-NEG)
−5.0
A
Minimum On Time
tMIN_ON1
35
55
ns
fSW = 250 kHz to 2500 kHz
Minimum Off Time
tMIN_OFF1
120
150
ns
fSW = 250 kHz to 2500 kHz
Error Amplifier (EA), COMP1 Pin
EA Transconductance
gm1
330
350
365
µS
Soft Start
Soft Start Time
tSS1
0.83 × tSET
ms
tSET = 2.6 ms when RCFG2 = 0 Ω
Hiccup Time
tHICCUP1
7 × tSET
ms
Output Capacitor (COUT) Discharge Switch
On Resistance
RDIS1
85
Ω
CHANNEL 2 BUCK REGULATOR
Continuous Output Current
IO
7
Determined by CFG1 pin configuration
(see Table 6), RCFG1 = 0 Ω
3.5
Determined by CFG1 pin configuration
(see Table 6), RCFG1 = open
FB2 Pin
Feedback Voltage
600
mV
Feedback Voltage Accuracy
VFB2_DEFAULT
−0.25
+0.25
%
TJ = 25°C
Feedback Reference Voltage of
Channel 2 (VFB2) = 600 mV Default
−0.62
+0.69
%
−40°C ≤ TJ ≤ +125°C
−0.62
+0.83
%
−40°C ≤ TJ ≤ +150°C
Feedback Bias Current
IFB2
0.1
µA
Adjustable voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com