Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 31 of 31
OUTLINE DIMENSIONS
A
6
2
5.15
5.00
4.85
5.65
5.50
5.35
TOP VIEW
SIDE VIEW
0.30
0.25
0.20
0.30
0.25
0.20
0.70
0.65
0.60
0.35
0.30
0.25
0.913
0.863
0.813
0.213
0.183
0.153
0.68 REF
A1
CORNER
AREA
SEATING
PLANE
BOTTOM VIEW
0.50
BSC
0.38
BSC
0.115
BSC
0.115
BSC
0.10
BSC
1.13
BSC
0.10
BSC
3.35 BSC
0.50
BSC
0.215
BSC
4.00 REF
B
C
D
E
F
G
H
J
K
75
4
3
1
DETAIL A
DETAIL A
0.90
0.85
0.80
0.65
0.60
0.55
0.55
0.50
0.45
0.375
BSC
0.375
BSC
0.30
BSC
0.30
0.25
0.20
Figure 51. 43-Terminal Land Grid Array [LGA]
(CC-43-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5056ACCZ-R7
−40°C to +150°C
43-Terminal Land Grid Array [LGA]
CC-43-1
ADP5056-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17270-
5/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com