Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5056ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5056ACCZ-R7
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5056ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP5056ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 15 of 31
to use separate supply voltages for the buck regulators, the VBIAS
voltage must be greater than the UVLO threshold before the
other channels begin to operate.
Precision enabling can monitor the voltages of the PVIN1 pin,
the PVIN2 pin, and the PVIN3 pin and to delay the startup of
the outputs to ensure that the voltages of the PVIN1 pin, the
PVIN2 pin, and the PVIN3 pin are high enough to support the
outputs in regulation. For more information, see the Precision
Enabling section.
The ADP5056 supports cascading supply operation for the three
buck regulators. As shown in Figure 29, PVIN2 and PVIN3 are
powered from the Channel 1 output. In this configuration, the
Channel 1 output voltage must be higher than the UVLO
threshold for PVIN2 and PVIN3.
PVIN1
BUCK CHANNEL 1
BUCK CHANNEL 2
VOUT1
PVIN2 TO
PVIN3
VOUT2 TO
VOUT3
VIN
VBIAS
Figure 29. Cascading Supply Application
BOOTSTRAP CIRCUITRY
Each buck regulator in the ADP5056 has an integrated bootstrap
regulator. The bootstrap regulator requires a 0.1 μF ceramic
capacitor (X5R or X7R) between the BSTx pins and SWx pins to
provide the gate drive voltage for the high-side MOSFET.
ACTIVE OUTPUT DISCHARGE SWITCH
Each buck regulator in the ADP5056 integrates a discharge switch
from the switching node to ground. This switch is turned on when
the associated regulator is disabled, which helps to discharge the
output capacitor quickly. The typical value of the discharge switch
is 85 Ω for Channel 1 to Channel 3.
PRECISION ENABLING
The ADP5056 has an enable control pin for each regulator. The
enable control pin (ENx) features a precision enable circuit with
a 0.615 V reference voltage. When the voltage at the ENx pin is
greater than 0.615 V (typical high level threshold), the regulator
is enabled. When the ENx pin voltage falls below 0.575 V
(typical low level threshold), the regulator is disabled. The
ADP5056 turns off the low-side MOSFET only after the
inductor current reaches zero.
The precision enable pin has an internal pull-down current
source (3.5 μA) that provides a default turn-off when the enable
pin is left open. When the enable pin exceeds 0.615 V (typical),
the regulator is enabled and the internal pull-down current source
at the enable pin decreases to 0.9 μA. The precision enabling uses
the ratio of the external resistor divider to program the UVLO
threshold to monitor either input voltage or output voltage,
while using the absolute value of the external resistor divider to
program the hysteresis window. For more information, see the
Programming the UVLO Input section.
To force the regulator to automatically start up when input power is
applied, connect the enable pin to the VREG pin.
0.615V
0.9µA
2.6µA
EN_CMP
+
PVINx
ENx
RTOP_EN
RBOT_EN
Figure 30. Precision Enable Diagram for One Channel
SEQUENCE MODE
The ADP5056 integrates the sequence control on each channel.
When the ENx signal goes high, each channel controlled by the
sequencer begins a soft start after the delay time (tEN_DLYx) specified
by the CFG2 pin setting (see Table 7). Similarly, when the ENx
signal goes low, the channel turns off after the delay timer
(tDIS_DLYx). The turn on and turn off delay timer for all channels is
designed in an opposite manner to meet typical system sequence
requirements. The turn-on delay step is 3 × tSET timer, and the turn-
off delay step is 6 × tSET timer, which provides the output with
extra discharge time. The tSET timer can be set to 2.6 ms or
20.8 ms by the CFG2 pin configuration. For example, when the
CFG2 pin connects to 14.3 kΩ, the start-up sequence is set as
Channel 1, Channel 2, and Channel 3. The enable delay of
Channel 1, Channel 2, and Channel 3 are 0 ms, 7.8 ms, and
15.6 ms. The shutdown sequence is set as Channel 3, Channel 2,
and Channel 1. The disable delay of Channel 1, Channel 2, and
Channel 3 are 31.2 ms, 15.6 ms, and 0 ms. Figure 31 shows the
logical states of each channel controlled by the grouped ENx
signal, and it does not show soft start and output discharge ramps.
ENx
CHANNEL x
OFF
ON
tDIS_DLYx
tEN_DLYx
Figure 31. Sequencer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com