Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 125 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 121Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 122Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 123Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 124Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 125Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 126Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 127Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 128Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
125
DISP_D6
AA15
AD16
U12
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D7
Y15
AC19
V13
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D8
AA16
AD17
W15
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D9
Y16
AC20
V15
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_RD
AD13
AA20
V12
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_RESET
AC14
AA19
T14
NVCC_LCD
HVIO
ALT1
IN
Keeper
DISP_RS
AC13
AD23
Y12
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_WR
AD12
AD20
V10
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DRAM_A0
W20
V7
T17
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A1
W21
Y7
T18
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A10
K20
—
J19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A11
J20
—
H19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A12
H20
—
E19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A13
F21
—
F19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A14
F20
—
—
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A2
Y20
Y8
U18
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A3
Y21
Y9
V18
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A4
AA20
Y10
R17
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A5
P20
P7
K19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A6
P21
L5
L19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A7
N20
K5
K20
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A8
N21
J5
L20
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_A9
L21
H5
G19
NVCC_EMI_DRAM
DRAM
ALT0
OUT-LO
Keeper
DRAM_CALIBRATI
ON
L20
P4
F20
NVCC_EMI_DRAM
DRAMCALI
B
——
—
DRAM_CAS
J21
—
G20
NVCC_EMI_DRAM
DRAM
ALT0
OUT-HI
Keeper
DRAM_CS0
T21
U5
P17
NVCC_EMI_DRAM
DRAM
ALT0
OUT-HI
Keeper
DRAM_CS1
U21
U7
P18
NVCC_EMI_DRAM
DRAM
ALT0
OUT-HI
Keeper
DRAM_D0
Y24
V16
R20
NVCC_EMI_DRAM
DRAM
ALT0
IN
Keeper
DRAM_D1
Y23
Y17
R19
NVCC_EMI_DRAM
DRAM
ALT0
IN
Keeper
Table 85. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com