Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 128 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 124Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 125Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 126Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 127Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 128Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 129Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 130Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 131Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Package Information and Contact Assignments
Freescale Semiconductor
128
ECSPI1_SCLK
N1
M4
N2
NVCC_SPI
HVIO
ALT1
IN
Keeper
ECSPI1_SS0
P7
L4
N3
NVCC_SPI
HVIO
ALT1
IN
Keeper
ECSPI2_MISO
N5
L2
L4
NVCC_SPI
HVIO
ALT1
IN
Keeper
ECSPI2_MOSI
P5
K2
N1
NVCC_SPI
HVIO
ALT1
IN
Keeper
ECSPI2_SCLK
P4
L1
N4
NVCC_SPI
HVIO
ALT1
IN
Keeper
ECSPI2_SS0
N4
K1
M2
NVCC_SPI
HVIO
ALT1
IN
Keeper
EIM_BCLK
A5
A12
A5
NVCC_EIM
HVIO
ALT0
OUT-LO
100K PU
EIM_CRE
A3
D13
A3
NVCC_EIM
HVIO
ALT0
OUT-LO
100K PU
EIM_CS0
B10
B24
B11
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_CS1
D10
D17
C9
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_CS2
E10
D16
D9
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_DA0
A9
B23
B10
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA1
B9
C24
B9
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA10
D7
A14
C6
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA11
E7
B16
D6
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA12
A6
A16
A6
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA13
B6
A15
B6
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA14
D6
A13
C5
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA15
E6
B15
D5
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA2
D9
C23
C8
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA3
E9
A22
D8
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA4
A8
A23
A9
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA5
B8
B22
B8
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA6
D8
B18
C7
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA7
E8
B17
D7
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA8
A7
A18
A7
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_DA9
B7
A17
B7
NVCC_EIM
HVIO
ALT0
IN
100K PU
EIM_EB0
A4
D15
A4
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_EB1
B4
D14
B4
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
EIM_LBA
E5
B13
D4
NVCC_EIM
HVIO
ALT0
OUT-HI
100K PU
Table 85. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com