Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 41Page - STMicroelectronics ST25DV64KC Datasheet HTML 42Page - STMicroelectronics ST25DV64KC Datasheet HTML 43Page - STMicroelectronics ST25DV64KC Datasheet HTML 44Page - STMicroelectronics ST25DV64KC Datasheet HTML 45Page - STMicroelectronics ST25DV64KC Datasheet HTML 46Page - STMicroelectronics ST25DV64KC Datasheet HTML 47Page - STMicroelectronics ST25DV64KC Datasheet HTML 48Page - STMicroelectronics ST25DV64KC Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 203 page
background image
Table 33. GPO2
Bit
Name
Function
Factory value
b7-b5
RFU
-
000b
b4-b2
IT_TIME
Pulse duration = 301 us - IT_TIME x 37.65 us ± 2 us
011b
b1
I2C_RF_OFF_EN
0: disabled 1: A pulse is emitted on GPO when I2C host has
successfully switched the RF off.
0b
b0
I2C_WRITE_EN
0: disabled 1: A pulse is emitted on GPO at completion of
valid I2C write operation in EEPROM
0b
Note:
Refer to Table 13. System configuration memory map for the GPO2 register.
•
Defines interrupt pulse duration on GPO pin for the flowing events: RF_INTERRUPT, FIELD_CHANGE,
RF_PUT_MSG, RF_GET_MSG, RF_WRITE , I2C_RF_OFF_EN and I2C_WRITE_EN.
•
See Eq. (1) for interrupt duration calculation.
Table 34. GPO_CTRL_Dyn access
RF
I2C
Command
Type
Address
Type
Read Dynamic Configuration (cmd code ADh) @00h
Fast Read Dynamic Configuration (cmd code CDh) @00h
RO
E2=0, E1=1,
2000h
b7-b1: RO
b0 : R always, W always
Table 35. GPO_CTRL_Dyn
Bit
Name
Function
Factory value
b7-b1
RFU
-
0000000b
b0
GPO_EN
0: GPO output is disabled. GPO is High-Z (open drain version) or is tied to ground
(CMOS version).
1: GPO output is enabled. GPO outputs enabled interrupts.
1b
Note:
Refer to Table 14. Dynamic registers memory map for the GPO_CTRL_Dyn register.
•
Allows I2C host to dynamically enable or disable GPO output by writing in GPO_EN bit (b0).
•
GPO_EN bit of GPO_CTRL_Dyn register is prevalent over GPO_EN bit of GPO register.
•
At power up, and each time GPO register is updated, GPO_EN bit content is copied from GPO register.
•
GPO_CTRL_Dyn is a volatile register. Value is maintained only if at least one of the two power sources is
present (RF field or VCC).
•
GPO_CTRL_Dyn bit 0 (GPO_EN) can be written even if I2C security session is closed (I2C password not
presented) but is read only for RF user.
•
Modifying GPO_CTRL_Dyn bit 0 (GPO_EN), does not affect the value of GPO register bit 0 GPO_EN
Table 36. IT_STS_Dyn access
RF
I2C
Command
Type
Address
Type
No access
E2=0, E1=1, 2005h
RO
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 45/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com