Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 4 Page - STMicroelectronics

  ST25DV64KC Datasheet HTML 1Page - STMicroelectronics ST25DV64KC Datasheet HTML 2Page - STMicroelectronics ST25DV64KC Datasheet HTML 3Page - STMicroelectronics ST25DV64KC Datasheet HTML 4Page - STMicroelectronics ST25DV64KC Datasheet HTML 5Page - STMicroelectronics ST25DV64KC Datasheet HTML 6Page - STMicroelectronics ST25DV64KC Datasheet HTML 7Page - STMicroelectronics ST25DV64KC Datasheet HTML 8Page - STMicroelectronics ST25DV64KC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 203 page
background image
1.2
ST25DVxxKC packaging
ST25DVxxKC is provided in 8-pin, 10-ball, and 12-pin packages:
•
SO8N, TSSOP8, or UDFPN8 8-pin packages for the open drain version of interrupt output
•
10 balls (WLCSP) and 12 pins (UFDFPN12) for the CMOS version of interrupt output. These packages
include an additional element that minimizes the standby consumption
Table 1. 8-pin packages signal names
Signal name
Function
Direction
V_EH
Energy harvesting
Power output
GPO
Interrupt output
Output
SDA
Serial data
I/O
SCL
Serial clock
Input
AC0, AC1
Antenna coils
-
VCC
Supply voltage
Power
VSS
Ground
-
EP (1)
Exposed pad
Must be left floating
1. Available only on UFDPN8 packages.
Figure 2. ST25DVxxKC 8-pin SO8N package connections
V_EH
AC0
AC1
VSS
VCC
GPO (Open drain)
SCL
SDA
1
2
3
4
8
7
6
5
SO8N
Figure 3. ST25DVxxKC 8-pin TSSOP8 package connections
V_EH
AC0
AC1
VSS
VCC
GPO (Open drain)
SCL
SDA
1
2
3
4
8
7
6
5
TSSOP8
ST25DV04KC ST25DV16KC ST25DV64KC
ST25DVxxKC packaging
DS13519 - Rev 3
page 4/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com