Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 69Page - STMicroelectronics ST25DV64KC Datasheet HTML 70Page - STMicroelectronics ST25DV64KC Datasheet HTML 71Page - STMicroelectronics ST25DV64KC Datasheet HTML 72Page - STMicroelectronics ST25DV64KC Datasheet HTML 73Page - STMicroelectronics ST25DV64KC Datasheet HTML 74Page - STMicroelectronics ST25DV64KC Datasheet HTML 75Page - STMicroelectronics ST25DV64KC Datasheet HTML 76Page - STMicroelectronics ST25DV64KC Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 203 page
background image
Note:
There is no need of polling when writing in dynamic registers or in mailbox, since programming time is null.
Figure 34. Write cycle polling flowchart using ACK
Write cycle
in progress
Next
Operation is
addressing the
memory
Start condition
Device select
with RW = 0
ACK
returned
YES
NO
YES
NO
Stop
Data for the
Write operation
Send Address
and Receive ACK
YES
NO
StartCondition
Continue the
Write operation
Continue the
Random Read operation
Device select
with RW = 1
First byte of instruction
with RW = 0 already
decoded by the device
6.5
I²C read operations
Read operation in user memory is performed successfully only if:
•
Area to which the byte belongs is not read protected by the I2CSS register.
•
Area to which the byte belongs is read protected by the I2CSS register, but I²C security session is open.
Read operations in system memory and dynamic registers are done independently of any protection mechanism,
except I2C_PWD register which needs I²C security session to be open first.
Read operation in fast transfer mode’s mailbox is performed successfully only if fast transfer mode is activated.
If read is not successful, ST25DVxxKC releases the bus and I²C host reads byte value FFh.
After the successful completion of a read operation, the device’s internal address counter is incremented by one,
to point to the next byte address.
After an unsuccessful read operation, ST25DVxxKC enters in I²C dead state: internal address counter is not
incremented, and ST25DVxxKC is waiting for a full new I²C instruction.
ST25DV04KC ST25DV16KC ST25DV64KC
I²C read operations
DS13519 - Rev 3
page 73/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com