Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 45Page - STMicroelectronics ST25DV64KC Datasheet HTML 46Page - STMicroelectronics ST25DV64KC Datasheet HTML 47Page - STMicroelectronics ST25DV64KC Datasheet HTML 48Page - STMicroelectronics ST25DV64KC Datasheet HTML 49Page - STMicroelectronics ST25DV64KC Datasheet HTML 50Page - STMicroelectronics ST25DV64KC Datasheet HTML 51Page - STMicroelectronics ST25DV64KC Datasheet HTML 52Page - STMicroelectronics ST25DV64KC Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 203 page
background image
5.5.2
Energy harvesting feature description
The usage of Energy Harvesting element can be defined in configuration register EH_MODE. When the Energy
harvesting mode is disabled or the RF field strength is not sufficient, the energy harvesting analog voltage output
V_EH is in High-Z state.
EH_MODE Static Register is used to define the Energy Harvesting default strategy after boot.
At boot EH_EN (in EH_CTRL_Dyn register) is set depending EH_MODE value as shown in table below:
Table 43. Energy harvesting at power-up
EH_MODE
EH_EN (at boot)
Energy harvesting at power-up
0
1
EH enabled after boot (when possible)
1
0
EH disabled initially,
EH delivered on demand (when possible)
Writing 0 in EH_MODE at any time after boot automatically sets EH_EN bit to 1, and thus activate energy
harvesting.
Writing 1 in EH_MODE at any time after boot does not modify EH_EN bit (until next reboot) and thus does not
modify energy harvesting current state.
EH_CTRL_Dyn allows to activate or deactivate on the fly the Energy harvesting (EH_EN) and bring information
on actual state of EH and state of power supplies :
•
EH_ON set reflects the EH_EN bit value
•
FIELD_ON is set in presence of an RF field
•
VCC_ON is set when Host power supply is on, and low power-down mode is not forced.
During boot, EH is not delivered to avoid alteration in device configuration.
Caution:
Communication is not guaranteed during EH delivery. Refer to the application note AN4913 (Energy harvesting
delivery impact on ST25DVxxKC behaviour during RF communication).
Energy harvesting can be set even if ST25DVxxKC is in RF disabled or RF Sleep mode, or in Low power mode.
In all these cases, ST25DVxxKC delivers power on V_EH pin if RF field is present. Energy harvesting voltage
output is not regulated.
ST25DV04KC ST25DV16KC ST25DV64KC
Energy harvesting (EH)
DS13519 - Rev 3
page 49/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com