Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 48Page - STMicroelectronics ST25DV64KC Datasheet HTML 49Page - STMicroelectronics ST25DV64KC Datasheet HTML 50Page - STMicroelectronics ST25DV64KC Datasheet HTML 51Page - STMicroelectronics ST25DV64KC Datasheet HTML 52Page - STMicroelectronics ST25DV64KC Datasheet HTML 53Page - STMicroelectronics ST25DV64KC Datasheet HTML 54Page - STMicroelectronics ST25DV64KC Datasheet HTML 55Page - STMicroelectronics ST25DV64KC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 203 page
background image
Table 45. RFA1SS
Bit
Name
Function
Factory value
b1-b0
PWD_CTRL_A1
00: Area 1 RF user security session can’t be open by password
01: Area 1 RF user security session is open by RF_PWD_1
10: Area 1 RF user security session is open by RF_PWD_2
11: Area 1 RF user security session is open by RF_PWD_3
00b
b3-b2
RW_PROTECTION_A1
00: Area 1 RF access: Read always allowed / Write always allowed
01: Area 1 RF access: Read always allowed, Write allowed if RF user security
session is open
10: Area 1 RF access: Read always allowed, Write allowed if RF user security
session is open
11: Area 1 RF access: Read always allowed, Write always forbidden
00b
b7-b4
RFU
-
0000b
Note:
Refer to Table 13. System configuration memory map for the RFA1SS register.
Table 46. RFA2SS access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @06h
Write Configuration (cmd code A1h) @06h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, E1=1, 0006h R always, W if I
2C security
session is open
Table 47. RFA2SS
Bit
Name
Function
Factory value
b1-b0
PWD_CTRL_A2
00: Area 2 RF user security session can’t be open by password
01: Area 2 RF user security session is open by RF_PWD_1
10: Area 2 RF user security session is open by RF_PWD_2
11: Area 2 RF user security session is open by RF_PWD_3
00b
b3-b2
RW_PROTECTION_A2
00: Area 2 RF access: Read always allowed, Write always allowed
01: Area 2 RF access: Read always allowed, Write allowed if RF user security
session is open
10: Area 2 RF access: Read allowed if RF user security session is open, Write
allowed if RF user security session is open
11: Area 2 RF access: Read allowed if RF user security session is open, Write
always forbidden
00b
Note:
Refer to Table 13. System configuration memory map for the RFA2SS register.
Table 48. RFA3SS access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @08h
Write Configuration (cmd code A1h) @08h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, E1=1, 0008h R always, W if I
2C security
session is open
ST25DV04KC ST25DV16KC ST25DV64KC
Data protection
DS13519 - Rev 3
page 52/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com