Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 13Page - STMicroelectronics ST25DV64KC Datasheet HTML 14Page - STMicroelectronics ST25DV64KC Datasheet HTML 15Page - STMicroelectronics ST25DV64KC Datasheet HTML 16Page - STMicroelectronics ST25DV64KC Datasheet HTML 17Page - STMicroelectronics ST25DV64KC Datasheet HTML 18Page - STMicroelectronics ST25DV64KC Datasheet HTML 19Page - STMicroelectronics ST25DV64KC Datasheet HTML 20Page - STMicroelectronics ST25DV64KC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 203 page
background image
Registers for user memory area configuration
Table 7. ENDA1 access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h)
@05h
Write Configuration (cmd code A1h)
@05h
R always, W if RF configuration security
session is open and configuration not locked
E2=1, E1=1,
0005h
R always, W if I2C security
session is open
Table 8. ENDA1
Bit
Name
Function
Factory Value
b7-b0
ENDA1
End Area 1 = 8*ENDA1+7 when expressed in blocks (RF)
End Area 1 = 32*ENDA1+31 when expressed in bytes (I2C)
ST25DV04KC: 0Fh
ST25DV16KC: 3Fh
ST25DV64KC: FFh
Note:
Refer to Table 13. System configuration memory map for ENDA1 register.
Table 9. ENDA2 access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h)
@07h
Write Configuration (cmd code A1h)
@07h
R always, W if RF configuration security
session is open and configuration not locked
E2=1, E1=1,
0007h
R always, W if I2C security
session is open
Table 10. ENDA2
Bit
Name
Function
Factory Value
b7-b0
ENDA2
End Area 2 = 8 x ENDA2 + 7 when expressed in blocks (RF)
End Area 2 = 32*ENDA2 + 31 when expressed in bytes (I2C)
ST25DV04KC: 0Fh
ST25DV16KC: 3Fh
ST25DV64KC: FFh
Note:
Refer to Table 13. System configuration memory map for ENDA2 register.
Table 11. ENDA3 access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h)
@09h
Write Configuration (cmd code A1h)
@09h
R always, W if RF configuration security
session is open and configuration not locked
E2=1, E1=1,
0009h
R always, W if I2C security
session is open
ST25DV04KC ST25DV16KC ST25DV64KC
User memory
DS13519 - Rev 3
page 17/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com