Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 78Page - STMicroelectronics ST25DV64KC Datasheet HTML 79Page - STMicroelectronics ST25DV64KC Datasheet HTML 80Page - STMicroelectronics ST25DV64KC Datasheet HTML 81Page - STMicroelectronics ST25DV64KC Datasheet HTML 82Page - STMicroelectronics ST25DV64KC Datasheet HTML 83Page - STMicroelectronics ST25DV64KC Datasheet HTML 84Page - STMicroelectronics ST25DV64KC Datasheet HTML 85Page - STMicroelectronics ST25DV64KC Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 203 page
background image
7.4.6
Response format
The response consists of:
•
an SOF
•
flags
•
parameters and data
•
a CRC
•
an EOF
Table 100. General response format
SOF
Response_flags
Parameters
Data
2 byte CRC
EOF
7.4.7
Response flags
In a response, the flags indicate how actions have been performed by the ST25DVxxKC and whether
corresponding fields are present or not. The response flags consist of eight bits.
Table 101. Definitions of response flags 1 to 8
Bit Nb
Flag
Level
Description
Bit 1
Error_flag
0
No error
1
Error detected. Error code is in the “Error” field.
Bit 2
ResponseBuffer
Validity_flag
0
Not supported, always set to 0
Bit 3
Final
response_flag
0
Not supported, always set to 0
Bit 4
Extension flag
0
Not supported, always set to 0
Bit 6-5
Block security
status length_flag
0
Not supported, always set to 0
Bit 7
Waiting time
extension
request_flag
0
Not supported, always set to 0
Bit 8
RFU
0
-
7.4.8
Response and error code
If the Error_flag is set by the ST25DVxxKC in the response, the Error code field is present and provides
information about the error that occurred.
Error codes not specified in Table 102 are reserved for future use.
ST25DV04KC ST25DV16KC ST25DV64KC
RF protocol description
DS13519 - Rev 3
page 82/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com