Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 24Page - STMicroelectronics ST25DV64KC Datasheet HTML 25Page - STMicroelectronics ST25DV64KC Datasheet HTML 26Page - STMicroelectronics ST25DV64KC Datasheet HTML 27Page - STMicroelectronics ST25DV64KC Datasheet HTML 28Page - STMicroelectronics ST25DV64KC Datasheet HTML 29Page - STMicroelectronics ST25DV64KC Datasheet HTML 30Page - STMicroelectronics ST25DV64KC Datasheet HTML 31Page - STMicroelectronics ST25DV64KC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 203 page
background image
5.2
RF management feature
5.2.1
RF management registers
Table 22. RF_MNGT access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @03h
Write Configuration (cmd code A1h) @03h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, E1=1, 0003h R always, W if I
2C security
session is open
Table 23. RF_MNGT
Bit
Name
Function
Factory value
b0
RF_DISABLE
0: RF commands executed
1: RF commands not executed (error 0Fh returned)
0b
b1
RF_SLEEP
0: RF communication enabled
1: RF communication disabled (ST25DV remains silent)
0b
b7-b2
RFU
-
000000b
Note:
Refer to Table 13. System configuration memory map for the RF_MNGT register.
Table 24. RF_MNGT_Dyn access
RF
I2C
Command
Type
Address
Type
No access
E2=0, E1=1, 2003h
R always, W always
Table 25. RF_MNGT_Dyn
Bit
Name
Function
Factory value
b0
RF_DISABLE
0: RF mode is defined by RF_OFF and RF_SLEEP bits
1: RF commands not executed (error 0Fh returned)
0b
b1
RF_SLEEP
0: RF mode is defined by RF_OFF and RF_DISABLE bits
1: RF communication disabled (ST25DVxxKC remains silent)
0b
b2
RF_OFF
0: RF mode is defined by RF_SLEEP and RF_DISABLE bits
1: RF is reset, and communication disabled (RF security
sessions and ISO15693 state are reset and ST25DVxxKC
remains silent)
0b
b7-b3
RFU
-
0000000b
Note:
Refer to Table 14. Dynamic registers memory map for the RF_MNGT_Dyn register.
The RF_OFF bit access is defined as followed:
•
read only with user memory I2C slave address, followed by memory address of RF_MNGT_Dyn register.
•
write to 1 only with I2C "RFSwitchOff" command.
•
write to 0 only with I2C "RFSwitchOn" command.
•
cannot be accessed by any other I2C slave address or by RF.
ST25DV04KC ST25DV16KC ST25DV64KC
RF management feature
DS13519 - Rev 3
page 28/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com