Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 52Page - STMicroelectronics ST25DV64KC Datasheet HTML 53Page - STMicroelectronics ST25DV64KC Datasheet HTML 54Page - STMicroelectronics ST25DV64KC Datasheet HTML 55Page - STMicroelectronics ST25DV64KC Datasheet HTML 56Page - STMicroelectronics ST25DV64KC Datasheet HTML 57Page - STMicroelectronics ST25DV64KC Datasheet HTML 58Page - STMicroelectronics ST25DV64KC Datasheet HTML 59Page - STMicroelectronics ST25DV64KC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 203 page
background image
Table 58. I2C_PWD access
RF
I2C
Command Type Address
Type
No access
E2=1, E1=1, 0900h to 0907h, Present/Write password
command format.
R if I2C security session is open, W if I2C security session is open
Table 59. I2C_PWD
I2C address
Bit
Name
Function
Factory
value
0900h
b7-b0
I2C_PWD
Byte 7 (MSB) of password for I2C security session
00h
0901h
b7-b0
Byte 6 of password for I2C security session
00h
0902h
b7-b0
Byte 5 of password for I2C security session
00h
0903h
b7-b0
Byte 4 of password for I2C security session
00h
0904h
b7-b0
Byte 3 of password for I2C security session
00h
0905h
b7-b0
Byte 2 of password for I2C security session
00h
0906h
b7-b0
Byte 1 of password for I2C security session
00h
0907h
b7-b0
Byte 0 (LSB) of password for I2C security session
00h
Note:
Refer to Table 13. System configuration memory map for the I2C_PWD register.
Table 60. RF_PWD_0 access
RF
I2C
Command
Type
Address
Type
Present Password (cmd code B3h)
Write Password (cmd code B1h)
WO if RF configuration security session is
open
No access
Table 61. RF_PWD_0
Bit
Name
Function
Factory value
b7-b0
RF_PWD_0
Byte 0 (LSB) of password for RF configuration security
session
00h
Byte 1 of password for RF configuration security session
00h
Byte 2 of password for RF configuration security session
00h
Byte 3 of password for RF configuration security session
00h
Byte 4 of password for RF configuration security session
00h
Byte 5 of password for RF configuration security session
00h
Byte 6 of password for RF configuration security session
00h
Byte 7 (MSB) of password for RF configuration security
session
00h
Note:
Refer to Table 13. System configuration memory map for the RF_PWD_0 register.
ST25DV04KC ST25DV16KC ST25DV64KC
Data protection
DS13519 - Rev 3
page 56/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com