Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 68Page - STMicroelectronics ST25DV64KC Datasheet HTML 69Page - STMicroelectronics ST25DV64KC Datasheet HTML 70Page - STMicroelectronics ST25DV64KC Datasheet HTML 71Page - STMicroelectronics ST25DV64KC Datasheet HTML 72Page - STMicroelectronics ST25DV64KC Datasheet HTML 73Page - STMicroelectronics ST25DV64KC Datasheet HTML 74Page - STMicroelectronics ST25DV64KC Datasheet HTML 75Page - STMicroelectronics ST25DV64KC Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 203 page
background image
Figure 32. Write mode sequences when write is not inhibited
Byte
Write
Dev Select
Byte address Byte address
Data in
Sequential
Write
Dev Select
Byte address Byte address
Data in 1
Data in 2
Data in N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Note:
N ≤ 256
Figure 33. Write mode sequences when write is inhibited
Byte
Write
Dev select
Byte address
Byte address
Data in
Sequential
Write
Dev select
Byte address
Byte address
Data in 1
Data in 2
Sequential
Write(cont'd)
Data in N
ACK
ACK
ACK
NO ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK
Note:
N ≤ 256
6.4.3
Minimizing system delays by polling on ACK
During the internal write cycle, the device disconnects itself from the bus, and writes a copy of the data from
its internal latches to the memory cells. The maximum I²C write time (tw) is shown in Table 251. I2C AC
characteristics up to 85 °C and Table 252. I2C AC characteristics up to 125 °C, but the typical time is shorter. To
make use of this, a polling sequence can be used by the bus master.
The sequence, as shown in Figure 34. Write cycle polling flowchart using ACK is:
•
Initial condition: a write cycle is in progress.
•
Step 1: the bus master issues a Start condition followed by a device select code (the first byte of the new
instruction).
•
Step 2: if the device is busy with the internal write cycle, no Ack is returned and the bus master goes back
to Step 1. If the device has terminated the internal write cycle, it responds with an Ack, indicating that the
device is ready to receive the second part of the instruction (the first byte of this instruction having been sent
during Step 1).
ST25DV04KC ST25DV16KC ST25DV64KC
I²C Write operations
DS13519 - Rev 3
page 72/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com