Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 83Page - STMicroelectronics ST25DV64KC Datasheet HTML 84Page - STMicroelectronics ST25DV64KC Datasheet HTML 85Page - STMicroelectronics ST25DV64KC Datasheet HTML 86Page - STMicroelectronics ST25DV64KC Datasheet HTML 87Page - STMicroelectronics ST25DV64KC Datasheet HTML 88Page - STMicroelectronics ST25DV64KC Datasheet HTML 89Page - STMicroelectronics ST25DV64KC Datasheet HTML 90Page - STMicroelectronics ST25DV64KC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 203 page
background image
7.6.4
Inventory
Upon receiving the Inventory request, the ST25DVxxKC runs the anticollision sequence. The Inventory_flag is set
to 1. The meaning of flags 5 to 8 is shown in Table 99. Request flags 5 to 8 when inventory_flag, Bit 3 = 1.
The request contains:
•
the flags
•
the Inventory command code (001)
•
the AFI if the AFI flag is set
•
the mask length
•
the mask value if mask length is different from 0
•
the CRC
The ST25DVxxKC does not generate any answer in case of error.
Table 105. Inventory request format
Request
SOF
Request_flags
Inventory
Optional AFI Mask length
Mask value
CRC16
Request
EOF
-
8 bits
01h
8 bits
8 bits
0 - 64 bits
16 bits
-
The response contains:
•
the flags
•
the Unique ID
Table 106. Inventory response format
Response SOF
Response_flags
DSFID
UID
CRC16
Response EOF
-
8 bits
8 bits
64 bits
16 bits
-
During an Inventory process, if the VCD does not receive an RF ST25DVxxKC response, it waits for a time t3
before sending an EOF to switch to the next slot. t3 starts from the rising edge of the request EOF sent by the
VCD.
•
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tSOF
•
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tNRT + t2min
where:
•
tSOF is the time required by the ST25DVxxKC to transmit an SOF to the VCD,
•
tNRT is the nominal response time of the ST25DVxxKC.
tNRT and tSOF are dependent on the ST25DVxxKC-to-VCD data rate and subcarrier modulation mode.
Note:
In case of error, no response is sent by ST25DVxxKC.
7.6.5
Stay Quiet
On receiving the Stay Quiet command, the ST25DVxxKC enters the Quiet state if no error occurs, and does NOT
send back a response. There is NO response to the Stay Quiet command even if an error occurs.
The Option_flag is not supported. The Inventory_flag must be set to 0.
When in the Quiet state:
•
the ST25DVxxKC does not process any request if the Inventory_flag is set,
•
the ST25DVxxKC processes any Addressed request.
The ST25DVxxKC exits the Quiet state when:
•
it is reset (power off),
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 87/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com