Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 84Page - STMicroelectronics ST25DV64KC Datasheet HTML 85Page - STMicroelectronics ST25DV64KC Datasheet HTML 86Page - STMicroelectronics ST25DV64KC Datasheet HTML 87Page - STMicroelectronics ST25DV64KC Datasheet HTML 88Page - STMicroelectronics ST25DV64KC Datasheet HTML 89Page - STMicroelectronics ST25DV64KC Datasheet HTML 90Page - STMicroelectronics ST25DV64KC Datasheet HTML 91Page - STMicroelectronics ST25DV64KC Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 203 page
background image
•
receiving a Select request. It then goes to the Selected state,
•
receiving a Reset to Ready request. It then goes to the Ready state.
Table 107. Stay Quiet request format
Request SOF
Request flags
Stay Quiet
UID
CRC16
Request EOF
-
8 bits
02h
64 bits
16 bits
-
The Stay Quiet command must always be executed in Addressed mode (Select_flag is reset to 0 and
Address_flag is set to 1).
Figure 40. Stay Quiet frame exchange between VCD and ST25DVxxKC
SOF
Stay Quiet
request
VCD
ST25DVxxKC
EOF
7.6.6
Read Single Block
On receiving the Read Single Block command, the ST25DVxxKC reads the requested block and sends back its
32-bit value in the response. The Option_flag is supported, when set response include the Block Security Status.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 108. Read Single Block request format
Request SOF
Request_flags
Read Single Block
UID (1)
Block number
CRC16
Request EOF
-
8 bits
20h
64 bits
8 bits
16 bits
-
1. This the field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Block number
Table 109. Read Single Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits
32 bits
16 bits
-
1. This field is optional.
Response parameters:
•
Block security status if Option_flag is set (see Table 110. Block security status
•
Four bytes of block data
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 88/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com