Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 39Page - STMicroelectronics ST25DV64KC Datasheet HTML 40Page - STMicroelectronics ST25DV64KC Datasheet HTML 41Page - STMicroelectronics ST25DV64KC Datasheet HTML 42Page - STMicroelectronics ST25DV64KC Datasheet HTML 43Page - STMicroelectronics ST25DV64KC Datasheet HTML 44Page - STMicroelectronics ST25DV64KC Datasheet HTML 45Page - STMicroelectronics ST25DV64KC Datasheet HTML 46Page - STMicroelectronics ST25DV64KC Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 203 page
background image
Table 29. GPO interrupt capabilities in function of RF field and VCC
RF field
VCC
LPD
GPIO pin
OFF
OFF
Don't care
Remains High-Z (open drain version) or is tied to ground (CMOS version)
ON
OFF
Don't care
State is function of RF events(1)(2)
OFF
ON
High
Remains High-Z (open drain version) or is tied to ground (CMOS version)
ON
ON
High
State is function of RF events(1)(2)
OFF
ON
Low/unconnected
State function of I2C events
ON
ON
Low/unconnected
State is function of both RF and I2C event(1)
1. If pull-up resistor is powered (open drain) or VDCG is powered (CMOS)
2. Except FIELD_CHANGE in case of RF field falling
5.4.4
GPO registers
Four registers are dedicated to this feature:
•
Two static registers in system configuration
•
Two dynamic registers
Table 30. GPO1 access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @00h
Write Configuration (cmd code A1h) @00h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, E1=1, 0000h R always, W if I
2C security
session is open
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 43/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com