Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 5Page - STMicroelectronics ST25DV64KC Datasheet HTML 6Page - STMicroelectronics ST25DV64KC Datasheet HTML 7Page - STMicroelectronics ST25DV64KC Datasheet HTML 8Page - STMicroelectronics ST25DV64KC Datasheet HTML 9Page - STMicroelectronics ST25DV64KC Datasheet HTML 10Page - STMicroelectronics ST25DV64KC Datasheet HTML 11Page - STMicroelectronics ST25DV64KC Datasheet HTML 12Page - STMicroelectronics ST25DV64KC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 203 page
background image
3
Power management
3.1
Wired interface
Operating supply voltage VCC
In contact mode, prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within
the specified [VCC(min), VCC(max)] range must be applied (see Table 246. I2C operating conditions). To maintain
a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor (usually of the
order of 10 nF and 100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write
instruction, until the completion of the internal I²C write cycle (tW). Instructions are not taken into account until
completion of ST25DVxxKC's boot sequence (see the figure below).
Figure 7. ST25DVxxKC power-up sequence (No RF field, LPD pin tied to VSS or package without LPD pin)
I2C interface ready
None
Access
allowed
RF or I2C
I2C Start
I2C Stop
RF access not allowed
* When RF Field is present before VCC set up, tboot is performed after RF field rising.
tboot*
Power-up by VCC
(No VCC
)
VCC Pin
Vint_supply
* If the LPD pin follows VCC before going low , tboot starts only when LPD reaches the
low level.
MS68573
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. The VCC rise time must not vary faster than
1 V/µs.
Device reset in I2C mode
In order to prevent inadvertent write operations during power-up, a power-on reset (POR) circuit is included.
At power-up (continuous rise of VCC), the ST25DVxxKC does not respond to any I2C instruction until VCC has
reached the power-on reset threshold voltage (this threshold is lower than the minimum VCC operating voltage
defined in Table 246. I2C operating conditions). When VCC passes over the POR threshold, the device is reset
and enters the Standby power mode. However, the device must not be accessed until VCC has reached a valid
and stable VCC voltage within the specified [VCC(min), VCC(max)] range and tboot time necessary to ST25DVxxKC
set-up has passed.
In the version supporting LPD pin, the tboot takes place only when LPD goes low.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops below the power-on
reset threshold voltage, the device stops responding to any instruction sent to it, and I2C address counter is reset.
Power-down mode
During power-down (continuous decay of VCC), the device must be in Standby power mode (mode reached after
decoding a Stop condition, assuming that there is no internal write cycle in progress).
ST25DV04KC ST25DV16KC ST25DV64KC
Power management
DS13519 - Rev 3
page 9/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com