Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 96Page - STMicroelectronics ST25DV64KC Datasheet HTML 97Page - STMicroelectronics ST25DV64KC Datasheet HTML 98Page - STMicroelectronics ST25DV64KC Datasheet HTML 99Page - STMicroelectronics ST25DV64KC Datasheet HTML 100Page - STMicroelectronics ST25DV64KC Datasheet HTML 101Page - STMicroelectronics ST25DV64KC Datasheet HTML 102Page - STMicroelectronics ST25DV64KC Datasheet HTML 103Page - STMicroelectronics ST25DV64KC Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 203 page
background image
Table 139. Extended Write Multiple Block request format
Request
SOF
Request_flags
Extended
Write multiple
block
UID (1)
First Block
number
Number of
block (2)
Data
CRC16
Request
EOF
-
8 bits
34h
64 bits 16 bits
16 bits
Block
length (3)
16 bits
-
1. This field is optional.
2. The number of blocks in the request is one less than the number of blocks that the VICC shall write.
3. Repeated as needed
Request parameters:
•
Request flags
•
UID (optional)
•
First block number (from LSB byte to MSB byte)
•
Number of block (from LSB byte to MSB byte)
•
Data (from first to last blocks, from LSB bytes to MSB bytes)
Table 140. Extended Write Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the writing cycle.
Table 141. Extended Write Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
12h: the specified block is locked and its contents cannot be changed
–
13h: the specified block was not successfully programmed
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 100/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com