Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 97Page - STMicroelectronics ST25DV64KC Datasheet HTML 98Page - STMicroelectronics ST25DV64KC Datasheet HTML 99Page - STMicroelectronics ST25DV64KC Datasheet HTML 100Page - STMicroelectronics ST25DV64KC Datasheet HTML 101Page - STMicroelectronics ST25DV64KC Datasheet HTML 102Page - STMicroelectronics ST25DV64KC Datasheet HTML 103Page - STMicroelectronics ST25DV64KC Datasheet HTML 104Page - STMicroelectronics ST25DV64KC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 203 page
background image
Figure 50. Extended Write Multiple Block frame exchange between VCD and
SOF
Extended Write
Multiple Block
request
VCD
EOF
ST25DVxxKC
t1
SOF
Extended Write
Multiple Block
response
EOF
SOF
Extended Write
Multiple Block
response
EOF
ST25DVxxKC
Wt
Write sequence
when error
7.6.16
Select
When receiving the Select command:
•
If the UID is equal to its own UID, the ST25DVxxKC enters or stays in the Selected state and sends a
response.
•
If the UID does not match its own UID, the selected ST25DVxxKC returns to the Ready state and does not
send a response.
The ST25DVxxKC answers an error code only if the UID is equal to its own UID. If not, no response is generated.
If an error occurs, the ST25DVxxKC remains in its current state.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Table 142. Select request format
Request SOF
Request_flags
Select
UID
CRC16
Request EOF
-
8 bits
25h
64 bits
16 bits
-
Request parameter:
•
UID
Table 143. Select Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 144. Select response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 101/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com