Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 99Page - STMicroelectronics ST25DV64KC Datasheet HTML 100Page - STMicroelectronics ST25DV64KC Datasheet HTML 101Page - STMicroelectronics ST25DV64KC Datasheet HTML 102Page - STMicroelectronics ST25DV64KC Datasheet HTML 103Page - STMicroelectronics ST25DV64KC Datasheet HTML 104Page - STMicroelectronics ST25DV64KC Datasheet HTML 105Page - STMicroelectronics ST25DV64KC Datasheet HTML 106Page - STMicroelectronics ST25DV64KC Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 203 page
background image
Figure 52. Reset to Ready frame exchange between VCD and ST25DVxxKC
SOF
Reset to Ready
request
VCD
ST25DVxxKC
EOF
SOF
Reset to Ready
response
EOF
t1
7.6.18
Write AFI
On receiving the Write AFI request, the ST25DVxxKC programs the 8-bit AFI value to its memory. When the
Option_flag is set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not write correctly the AFI value into the memory. The Wt time is equal to t1nom + N ×
302 µs (N is an integer).
Table 148. Write AFI request format
Request SOF
Request_flags
Write AFI
UID (1)
AFI
CRC16
Request EOF
-
8 bits
27h
64 bits
8 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
AFI
Table 149. Write AFI response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 150. Write AFI response format when Error_flag is set
Response SOF
Response_
flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 103/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com