Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 15Page - STMicroelectronics ST25DV64KC Datasheet HTML 16Page - STMicroelectronics ST25DV64KC Datasheet HTML 17Page - STMicroelectronics ST25DV64KC Datasheet HTML 18Page - STMicroelectronics ST25DV64KC Datasheet HTML 19Page - STMicroelectronics ST25DV64KC Datasheet HTML 20Page - STMicroelectronics ST25DV64KC Datasheet HTML 21Page - STMicroelectronics ST25DV64KC Datasheet HTML 22Page - STMicroelectronics ST25DV64KC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 203 page
background image
RF access
Static Register
I2C access
Address
Type
Name
Function
Device select
Address
Type
0Fh
RW(1)
LOCK_CFG
Protect RF Write to system configuration registers
E2=1, E1=1
000Fh
RW(2)
N/A
WO (5)
LOCK_DSFID DSFID lock status
E2=1, E1=1
0010h
RO
NA
WO (6)
LOCK_AFI
AFI lock status
E2=1, E1=1
0011h
RO
N/A
RW(5)
DSFID
DSFID value
E2=1, E1=1
0012h
RO
N/A
RW(6)
AFI
AFI value
E2=1, E1=1
0013h
RO
N/A
RO
MEM_SIZE
Memory size value in blocks, 2 bytes
E2=1, E1=1
0014h to 0015h
RO
RO
BLK_SIZE
Block size value in bytes
E2=1, E1=1
0016h
RO
N/A
RO
IC_REF
IC reference value
E2=1, E1=1
0017h
RO
NA
RO
UID
Unique identifier, 8 bytes
E2=1, E1=1
0018h to 001Fh
RO
No access
IC_REV
IC revision
E2=1, E1=1
0020h
RO
-
ST Reserved
E2=1, E1=1
0021h
RO
-
ST Reserved
E2=1, E1=1
0022h
RO
-
ST Reserved
E2=1, E1=1
0023h
RO
I2C_PWD
I2C security session password, 8 bytes
E2=1, E1=1
0900h to 0907h R/W (7) (8)
N/A
WO (9)
RF_PWD_0
RF configuration security session password, 8 bytes
No access
N/A
WO(9)
RF_PWD_1
RF user security session password 1, 8 bytes
N/A
WO(9)
RF_PWD_2
RF user security session password 2, 8 bytes
N/A
WO(9)
RF_PWD_3
RF user security session password 3, 8 bytes
1. Write access is granted if RF configuration security session is open and configuration is not locked
(LOCK_CFG register equals to 0).
2. Write access if I2C security session is open.
3. Write access to bit 0 if Block 00h is not already locked and to bit 1 if Block 01h is not already locked.
4. LOCK_CCFILE content is only readable through reading the Block Security Status of blocks 00h and 001h
(see Section 5.6.3 User memory protection)
5. Write access if DSFID is not locked
6. Write access if AFI is not locked.
7. Write access with I2C Write Password command, only after presenting a correct I2C password.
8. Read access is granted if I2C security session is open.
9. Write access only if corresponding RF security session is open.
ST25DV04KC ST25DV16KC ST25DV64KC
System configuration area
DS13519 - Rev 3
page 19/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com