Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 14Page - STMicroelectronics ST25DV64KC Datasheet HTML 15Page - STMicroelectronics ST25DV64KC Datasheet HTML 16Page - STMicroelectronics ST25DV64KC Datasheet HTML 17Page - STMicroelectronics ST25DV64KC Datasheet HTML 18Page - STMicroelectronics ST25DV64KC Datasheet HTML 19Page - STMicroelectronics ST25DV64KC Datasheet HTML 20Page - STMicroelectronics ST25DV64KC Datasheet HTML 21Page - STMicroelectronics ST25DV64KC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 203 page
background image
Table 12. ENDA3
Bit
Name
Function
Factory Value
b7-b0
ENDA3
End Area 3 = 8 x ENDA3 + 7 when expressed in blocks (RF)
End Area 3 = 32 x ENDA3 + 31 when expressed in bytes (I2C)
ST25DV04KC: 0Fh
ST25DV16KC: 3Fh
ST25DV64KC: FFh
Note:
Refer to Table 13. System configuration memory map for ENDA3 register.
4.3
System configuration area
In addition to EEPROM user memory, ST25DVxxKC includes a set of static registers located in the system
configuration area memory (EEPROM nonvolatile registers). Those registers are set during device configuration
(that is: area extension), or by the application (that is: area protection). Static registers content is read during the
boot sequence and define basic ST25DVxxKC behaviour.
In RF, the static registers located in the system configuration area can be accessed via dedicated Read
Configuration and Write Configuration commands, with a pointer acting as the register address.
The RF configuration security session must first be open, by presenting a valid RF configuration password, to
grant write access to system configuration registers.
The system configuration area write access by RF can also be deactivated by I2C host.
In I2C static registers located in the system configuration area can be accessed with I2C read and write
commands with device select E2=1, E1=1. Readable system areas could be read in continuity.
I2C security session must first be open, by presenting a valid I2C password, to grant write access to system
configuration registers.
The following table shows the complete map of the system configuration area, as seen by RF and I2C interface.
Table 13. System configuration memory map
RF access
Static Register
I2C access
Address
Type
Name
Function
Device select
Address
Type
00h
RW (1)
GPO1
Enable/disable GPO output and GPO ITs for RF events
E2=1, E1=1
0000h
RW (2)
01h
RW(1)
GPO2
Enable/disable GPO ITs for I2C events and set Interruption
pulse duration
E2=1, E1=1
0001h
RW(2)
02h
RW(1)
EH_MODE
Energy Harvesting default strategy after Power ON
E2=1, E1=1
0002h
RW(2)
03h
RW(1)
RF_MNGT
RF interface state after Power ON
E2=1, E1=1
0003h
RW(2)
04h
RW(1)
RFA1SS
Area1 RF access protection
E2=1, E1=1
0004h
RW(2)
05h
RW(1)
ENDA1
Area 1 ending point
E2=1, E1=1
0005h
RW(2)
06h
RW(1)
RFA2SS
Area2 RF access protection
E2=1, E1=1
0006h
RW(2)
07h
RW(1)
ENDA2
Area 2 ending point
E2=1, E1=1
0007h
RW(2)
08h
RW(1)
RFA3SS
Area3 RF access protection
E2=1, E1=1
0008h
RW(2)
09h
RW(1)
ENDA3
Area 3 ending point
E2=1, E1=1
0009h
RW(2)
0Ah
RW(1)
RFA4SS
Area4 RF access protection
E2=1, E1=1
000Ah
RW(2)
No access
I2CSS
Area 1 to 4 I2C access protection
E2=1, E1=1
000Bh
RW(2)
N/A
RW (3) (4) LOCK_CCFILE Blocks 0 and 1 RF Write protection
E2=1, E1=1
000Ch
RW(2)
0Dh
RW(1)
FTM
Fast transfer mode authorization and watchdog setting.
E2=1, E1=1
000Dh
RW(2)
No access
I2C_CFG
I2C slave address configuration and enable/disable RF
switch off from I2C.
E2=1, E1=1
000Eh
RW(2)
ST25DV04KC ST25DV16KC ST25DV64KC
System configuration area
DS13519 - Rev 3
page 18/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com