Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 44Page - STMicroelectronics ST25DV64KC Datasheet HTML 45Page - STMicroelectronics ST25DV64KC Datasheet HTML 46Page - STMicroelectronics ST25DV64KC Datasheet HTML 47Page - STMicroelectronics ST25DV64KC Datasheet HTML 48Page - STMicroelectronics ST25DV64KC Datasheet HTML 49Page - STMicroelectronics ST25DV64KC Datasheet HTML 50Page - STMicroelectronics ST25DV64KC Datasheet HTML 51Page - STMicroelectronics ST25DV64KC Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 203 page
background image
5.5
Energy harvesting (EH)
5.5.1
Energy harvesting registers
Table 39. EH_MODE access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @02h
Write Configuration (cmd code A1h) @02h
R always, W if RF configuration security
session is open and configuration not locked
E2=1, E1=1,
0002h
R always, W if I2C security
session is open
Table 40. EH_MODE
Bit
Name
Function
Factory value
b0
EH_MODE
0: EH forced after boot
1: EH on demand only
1b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 13. System configuration memory map for the EH_MODE register.
Table 41. EH_CTRL_Dyn access
RF
I2C
Command
Type
Address
Type
Read Dynamic Configuration (cmd code ADh) @02h
Fast Read Dynamic Configuration (cmd code CDh) @02h
Write Dynamic Configuration (cmd code AEh) @02h
Fast Write Dynamic Configuration (cmd code CEh) @02h
b0: R always, W always
b1 - b7: RO
E2=0, E1=1,
2002h
b0: R always, W always
b1-b7 : RO
Table 42. EH_CTRL_Dyn
Bit
Name
Function
Factory value
b0
EH_EN
0: Disable EH feature
1: Enable EH feature
0b
b1
EH_ON
0: EH feature is disabled
1: EH feature is enabled
0b
b2
FIELD_ON
0: RF field is not detected
1: RF field is present and ST25DVxxKC may communicate in RF
Depending of power source
b3
VCC_ON
0: No DC supply detected on VCC pin or Low Power Down mode is forced (LPD is high)
1: VCC supply is present and Low Power Down mode is not forced (LPD is low)
Depending of power source
b7-b4
RFU
-
0b
Note:
Refer to Table 14. Dynamic registers memory map for the EH_CTRL_Dyn register.
ST25DV04KC ST25DV16KC ST25DV64KC
Energy harvesting (EH)
DS13519 - Rev 3
page 48/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com