Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 91Page - STMicroelectronics ST25DV64KC Datasheet HTML 92Page - STMicroelectronics ST25DV64KC Datasheet HTML 93Page - STMicroelectronics ST25DV64KC Datasheet HTML 94Page - STMicroelectronics ST25DV64KC Datasheet HTML 95Page - STMicroelectronics ST25DV64KC Datasheet HTML 96Page - STMicroelectronics ST25DV64KC Datasheet HTML 97Page - STMicroelectronics ST25DV64KC Datasheet HTML 98Page - STMicroelectronics ST25DV64KC Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 203 page
background image
Response parameter:
•
No parameter
Table 127. Extended Lock block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set
–
03h: command option not supported
–
10h: block not available
–
11h: the specified block is already locked and thus cannot be locked again
–
14h: the specified block was not successfully locked
Figure 46. Extended Lock block frame exchange between VCD and ST25DVxxKC
SOF
Extended
Lock block
request
VCD
EOF
ST25DVxxKC
t1
SOF
Extended
Lock block
response
EOF
SOF
Extended
Lock block
response
EOF
ST25DVxxKC
Wt
Lock sequence
when error
7.6.12
Read Multiple Blocks
When receiving the Read Multiple Block command, the ST25DVxxKC reads the selected blocks and sends back
their value in multiples of 32 bits in the response. The blocks are numbered from 00h to FFh in the request and
the value is minus one (–1) in the field. For example, if the “Number of blocks” field contains the value 06h, seven
blocks are read. The maximum number of blocks is fixed at 256. Read Multiple Blocks command can cross areas
borders, and returns all blocks until reaching a non readable block (block read protected or out of memory). When
the Option_flag is set, the response returns the Block Security Status.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 128. Read Multiple Block request format
Request SOF Request_flags
Read Multiple
Block
UID (1)
First block
number
Number of blocks CRC16 Request EOF
-
8 bits
23h
64 bits 8 bits
8 bits
16 bits
-
1. The field is optional.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 95/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com