Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 79Page - STMicroelectronics ST25DV64KC Datasheet HTML 80Page - STMicroelectronics ST25DV64KC Datasheet HTML 81Page - STMicroelectronics ST25DV64KC Datasheet HTML 82Page - STMicroelectronics ST25DV64KC Datasheet HTML 83Page - STMicroelectronics ST25DV64KC Datasheet HTML 84Page - STMicroelectronics ST25DV64KC Datasheet HTML 85Page - STMicroelectronics ST25DV64KC Datasheet HTML 86Page - STMicroelectronics ST25DV64KC Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 203 page
background image
Table 102. Response error code definition
Error code
Meaning
01h
Command is not supported.
02h
Command is not recognized (format error).
03h
The option is not supported.
0Fh
Error with no information given.
10h
The specified block is not available.
11h
The specified block is already locked and thus cannot be locked again.
12h
The specified block is locked and its contents cannot be changed.
13h
The specified block was not successfully programmed.
14h
The specified block was not successfully locked.
15h
The specified block is protected in read.
7.5
Timing definition
t1: ST25DVxxKC response delay
Upon detection of the rising edge of the EOF received from the VCD, the ST25DVxxKC waits for a t1nom time
before transmitting its response to a VCD request or switching to the next slot during an inventory process. Values
of t1 are given in Table 103. Timing values.
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or more ST25DVxxKC
responses have been received during an Inventory command. It starts from the reception of the EOF from the
ST25DVxxKCs.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25DVxxKC.
t2 is also the time after which the VCD may send a new request to the ST25DVxxKC, as described in
Figure 38. ST25DVxxKC protocol timing.
Values of t2 are given in Table 103.
t3: VCD new request delay when no response is received from the ST25DVxxKC
t3 is the time after which the VCD may send an EOF to switch to the next slot when no ST25DVxxKC response
has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25DVxxKC.
From the time the VCD has generated the rising edge of an EOF:
•
If this EOF is 100% modulated, the VCD waits for a time at least equal to t3min for 100% modulation before
sending a new EOF.
•
If this EOF is 10% modulated, the VCD waits for a time at least equal to t3min for 10% modulation before
sending a new EOF.
ST25DV04KC ST25DV16KC ST25DV64KC
Timing definition
DS13519 - Rev 3
page 83/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com