Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 100Page - STMicroelectronics ST25DV64KC Datasheet HTML 101Page - STMicroelectronics ST25DV64KC Datasheet HTML 102Page - STMicroelectronics ST25DV64KC Datasheet HTML 103Page - STMicroelectronics ST25DV64KC Datasheet HTML 104Page - STMicroelectronics ST25DV64KC Datasheet HTML 105Page - STMicroelectronics ST25DV64KC Datasheet HTML 106Page - STMicroelectronics ST25DV64KC Datasheet HTML 107Page - STMicroelectronics ST25DV64KC Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 203 page
background image
Response parameter:
•
Error code as Error_flag is set
–
03h: command option is not supported
–
0Fh: error with no information given
–
12h: the specified block is locked and its contents cannot be changed
–
13h: the specified block was not successfully programmed
Figure 53. Write AFI frame exchange between VCD and ST25DVxxKC
SOF
Write AFI
request
VCD
EOF
ST25DVxxKC
t1
SOF
Write AFI
response
EOF
SOF
EOF
ST25DVxxKC
Wt
Write sequence
when error
Write AFI
response
7.6.19
Lock AFI
On receiving the Lock AFI request, the ST25DVxxKC locks the AFI value permanently. When the Option_flag is
set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not lock correctly the AFI value in memory. The Wt time is equal to t1nom + N × 302 µs
(N is an integer).
Table 151. Lock AFI request format
Request SOF
Request_flags
Lock AFI
UID (1)
CRC16
Request EOF
-
8 bits
28h
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request Flags
•
UID (optional)
Table 152. Lock AFI response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 104/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com