Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 195Page - STMicroelectronics ST25DV64KC Datasheet HTML 196Page - STMicroelectronics ST25DV64KC Datasheet HTML 197Page - STMicroelectronics ST25DV64KC Datasheet HTML 198Page - STMicroelectronics ST25DV64KC Datasheet HTML 199Page - STMicroelectronics ST25DV64KC Datasheet HTML 200Page - STMicroelectronics ST25DV64KC Datasheet HTML 201Page - STMicroelectronics ST25DV64KC Datasheet HTML 202Page - STMicroelectronics ST25DV64KC Datasheet HTML 203Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 202 / 203 page
background image
Figure 52.
Reset to Ready frame exchange between VCD and ST25DVxxKC .............................. 103
Figure 53.
Write AFI frame exchange between VCD and ST25DVxxKC................................... 104
Figure 54.
Lock AFI frame exchange between VCD and ST25DVxxKC ................................... 105
Figure 55.
Write DSFID frame exchange between VCD and ST25DVxxKC ................................ 106
Figure 56.
Lock DSFID frame exchange between VCD and ST25DVxxKC................................. 107
Figure 57.
Get System Info frame exchange between VCD and ST25DVxxKC .............................. 109
Figure 58.
Extended Get System Info frame exchange between VCD and ST25DVxxKC........................113
Figure 59.
Get Multiple Block Security Status frame exchange between VCD and ............................114
Figure 60.
Extended Get Multiple Block Security Status frame exchange between VCD and ST25DVxxKC ...........116
Figure 61.
Read Configuration frame exchange between VCD and ST25DVxxKC ............................117
Figure 62.
Write Configuration exchange between VCD and ST25DVxxKC .................................119
Figure 63.
Read Dynamic Configuration frame exchange between VCD and ST25DVxxKC ..................... 120
Figure 64.
Write Dynamic Configuration frame exchange between VCD and ST25DVxxKC ..................... 121
Figure 65.
Manage GPO frame exchange between VCD and ST25DVxxKC ............................... 122
Figure 66.
Write Message frame exchange between VCD and ST25DVxxKC............................... 123
Figure 67.
Read Message Length frame exchange between VCD and ST25DVxxKC ......................... 124
Figure 68.
Read Message frame exchange between VCD and ST25DVxxKC .............................. 125
Figure 69.
Fast Read Message frame exchange between VCD and ST25DVxxKC ........................... 126
Figure 70.
Write Password frame exchange between VCD and ST25DVxxKC .............................. 128
Figure 71.
Present Password frame exchange between VCD and ST25DVxxKC ............................ 129
Figure 72.
Fast Read Single Block frame exchange between VCD and ST25DVxxKC......................... 130
Figure 73.
Fast Extended Read Single Block frame exchange between VCD and ST25DVxxKC ................. 131
Figure 74.
Fast Read Multiple Block frame exchange between VCD and ST25DVxxKC........................ 133
Figure 75.
Fast Extended Read Multiple Block frame exchange between VCD and ST25DVxxKC ................ 134
Figure 76.
Fast Write Message frame exchange between VCD and ST25DVxxKC ........................... 136
Figure 77.
Fast Read Message Length frame exchange between VCD and ST25DVxxKC...................... 137
Figure 78.
Fast Read Dynamic configuration frame exchange between VCD and ST25DVxxKC.................. 138
Figure 79.
Fast Write Dynamic Configuration frame exchange between VCD and ST25DVxxKC ................. 139
Figure 80.
AC test measurement I/O waveform ................................................... 142
Figure 81.
I2C AC waveforms ............................................................... 148
Figure 82.
I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus) ............. 148
Figure 83.
ASK modulated signal ............................................................. 151
Figure 84.
SO8N – Outline ................................................................. 152
Figure 85.
SO8N - Recommended footprint ...................................................... 153
Figure 86.
TSSOP8 – Outline ............................................................... 154
Figure 87.
TSSOP8 – Recommended footprint.................................................... 155
Figure 88.
UFDFN8 - Outline ................................................................ 156
Figure 89.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package outline .............. 158
Figure 90.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale recommended footprint......... 159
Figure 91.
UFDFPN12 - Outline .............................................................. 160
Figure 92.
Logic 0, high data rate, fast commands ................................................. 162
Figure 93.
Logic 1, high data rate, fast commands ................................................. 162
Figure 94.
Logic 0, low data rate, fast commands .................................................. 162
Figure 95.
Logic 1, low data rate, fast commands .................................................. 163
Figure 96.
Start of frame, high data rate, one subcarrier, fast commands .................................. 163
Figure 97.
Start of frame, low data rate, one subcarrier, fast commands .................................. 163
Figure 98.
End of frame, high data rate, one subcarrier, fast commands .................................. 164
Figure 99.
End of frame, low data rate, one subcarrier, fast commands ................................... 164
ST25DV04KC ST25DV16KC ST25DV64KC
List of figures
DS13519 - Rev 3
page 202/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com