Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 19 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 19 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
SH79F6488/SH79F6489
19
Table 6.13 SPI SFRs
Mnem
Add
Name
POR/WDT/LVR
/PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SPCON
A4H
SPI Control
00000000
DIR
MSTR
CPHA
CPOL
SSDIS
SPR2
SPR1
SPR0
SPSTA
A5H
SPI Status
00000---
SPEN
SPIF
MODF
WCOL
RXOV
-
-
-
SPDAT
A6H
SPI Data
00000000
SPDAT7
SPDAT6
SPDAT5
SPDAT4
SPDAT3
SPDAT2
SPDAT1
SPDAT0
Table 6.14 EUART SFRs
Mnem
Add
Name
POR/WDT/LVR
/PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SCON
98H
Serial Control
00000000
SM0/FE
SM1/RXOV SM2/TXCOL
REN
TB8
RB8
TI
RI
SBUF
99H
Serial Data Buffer
00000000
SBUF.7
SBUF.6
SBUF.5
SBUF.4
SBUF.3
SBUF.2
SBUF.1
SBUF.0
SADEN
9BH
Slave Address Mask
00000000
SADEN.7
SADEN.6
SADEN.5
SADEN.4
SADEN.3
SADEN.2
SADEN.1
SADEN.0
SADDR
9AH
Slave Address
00000000
SADDR.7
SADDR.6
SADDR.5
SADDR.4
SADDR.3
SADDR.2
SADDR.1
SADDR.0
PCON
87H
Power & serial Control
00--0000
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
SBRTH
9CH
Baudrate Generator
00000000
SBRTEN
SBRT.14
SBRT.13
SBRT.12
SBRT.11
SBRT.10
SBRT.9
SBRT.8
SBRTL
9DH
Baudrate Generator
00000000
SBRT.7
SBRT.6
SBRT.5
SBRT.4
SBRT.3
SBRT.2
SBRT.1
SBRT.0
SFINE
B6H
Baudrate Generator
----0000
-
-
-
-
SFINE.3
SFINE.2
SFINE.1
SFINE.0
Table 6.15 PGA SFR
Mnem
Add
Name
POR/WDT/LVR
/PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PGAM
A3H
PGA mode Control
00000000
GAIN3
GAIN2
GAIN1
GAIN0
VINON
CHOP
CHOPC1
CHOPC0
Table 6.16 ADC SFRs
Mnem
Add
Name
POR/WDT/LVR
/PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCON
93H
ADC Control
00000000
ADON
ADCIF
VREFIN
VREFS
SCH3
SCH2
SCH1
SCH0
ADT
94H
ADC Time Configuration
00000000
TADC7
TADC6
TADC5
TADC4
TADC3
TADC2
TADC1
TADC0
ADCH
95H
ADC Channel Configuration
00111111
VREF1
VREF0
VREFOS
CH2N
CH2P
CH1N
CH1P
CH0
ADCDS
92H
ADC output mode
-----010
-
-
-
-
-
ADCRATE
VINOS
ADCDF
ADDL
91H
ADC Data Low Byte
----0000
-
-
-
-
A3
A2
A1
A0
ADDM
96H
ADC Data Middle Byte
00000000
A11
A10
A9
A8
A7
A6
A5
A4
ADDH
97H
ADC Data High Byte
00000000
A19
A18
A17
A16
A15
A14
A13
A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com