Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 91 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 91 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 152 page
background image
SH79F6488/SH79F6489
91
Table 8.17 PWM Duty Control Register (PWM0DH/L)
DAH, D9H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM0DH (DAH)
-
-
-
-
PWM0D.11 PWM0D.10 PWM0D.9
PWM0D.8
PWM0DL (D9H)
PWM0D.7
PWM0D.6
PWM0D.5
PWM0D.4
PWM0D.3
PWM0D.2
PWM0D.1
PWM0D.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
11-0
PWM0D[11:0]
12-bit PWM duty registers
If PWM0P
≤ PWM0D,
PWM0 outputs high level when the PWM0S bit is set to “0”.
PWM0 outputs GND level when the PWM0S bit is set to “1”.
If PWM0D = 00H,
PWM0 outputs GND level when the PWM0S bit is set to “0”.
PWM0 outputs high level when the PWM0S bit is set to “1”.
Table 8.18 PWM Duty Control Register( PWM1DH/L)
DCH, DBH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM1DH (DCH)
-
-
-
-
PWM1D.11 PWM1D.10 PWM1D.9
PWM1D.8
PWM1DL (DBH)
PWM1D.7
PWM1D.6
PWM1D.5
PWM1D.4
PWM1D.3
PWM1D.2
PWM1D.1
PWM1D.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
11-0
PWM1D[11:0]
12-bit PWM duty registers
If PWM1P
≤ PWM1D,
PWM1 outputs high level when the PWM1S bit is set to “0”.
PWM1 outputs GND level when the PWM1S bit is set to “1”.
If PWM1D = 00H,
PWM1 outputs GND level when the PWM1S bit is set to “0”.
PWM1 outputs high level when the PWM1S bit is set to “1”.
Table 8.19 PWM Duty Control Register (PWM2DH/L)
DEH, DDH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM2DH (DEH)
-
-
-
-
PWM2D.11 PWM2D.10 PWM2D.9
PWM2D.8
PWM2DL (DDH)
PWM2D.7
PWM2D.6
PWM2D.5
PWM2D.4
PWM2D.3
PWM2D.2
PWM2D.1
PWM2D.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
11-0
PWM2D[11:0]
12-bit PWM duty registers
If PWM2P
≤ PWM2D,
PWM2 outputs high level when the PWM2S bit is set to “0”.
PWM2 outputs GND level when the PWM2S bit is set to “1”.
If PWM2D = 00H,
PWM2 outputs GND level when the PWM2S bit is set to “0”.
PWM2 outputs high level when the PWM2S bit is set to “1”.
Note: The change of PWMxDH will take affect at the next PWMx period. The user must change PWMxDL at first, and then
change PWMxDH for changing PWMx duty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com