Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 84 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 84 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 152 page
background image
SH79F6488/SH79F6489
84
Slave Mode
(1) Enable
The SPI operates in slave mode when the MSTR is cleared in the SPCON register. Before a data transmission occurs, the
slave select (SS
———
) pin of the Slave device must be set to ’0’. The SS
———
pin must remain low until the 1-byte transmission is
complete.
(2) Transmit & Receive
When in SPI slave mode, bytes are shifted in through the MOSI pin and out through the MISO pin by a master device
controlling the SCK signal. A bit counter counts SCK edges. When 8 bits have been shifted in the receive shift register and
another 8 bits have been shifted out the transmit shift register, the SPIF flag is set to logic ‘1’. Data is read from the receive
shift register by reading SPDAT. If interrupts are enabled, an interrupt request is generated when the SPIF flag is set.
To prevent an overflow condition, the SPI slave software must clear the SPIF bit in SPSTA register before another byte
enters the receive shift register. Else a RXOV signal will be set to indicate data over-run occurs, and the receive shift register
keep the byte that SPIF was lastly set, also the SPI slave will not receive any further data until SPIF was cleared.
A SPI slave cannot initiate transfers. Data to be transferred to the master device is pre-loaded into the shift register by
writing to SPDAT. Writes to SPDAT are placed in the transmit buffer first. So a SPI slave must complete the write to the
SPDAT (transmit shift register) in one SPI clock before the master starts a new transmission. If the write to SPDAT is late in
the first transmission, the SPI slave will transmit a ‘0x00’ byte in the following transmission. if the write operation occurs
during this time, a WCOL signal will be set. If the transmit shift register already contains data, the SPI slave will generate a
WCOL signal to indicate writing too fast. But the data in transmit shift register will not be affected, and the transmission
continues uninterrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com