Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 77 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 77 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
SH79F6488/SH79F6489
77
8.2.2 Super Low Power LCD (SLP LCD) Display Mode
The SLP LCD mode support 1/2/3/4COM duty .
The LCD module will work in SLP LCD Display Mode by Configuring the MOD[1:0] bits as ‘11’ in LCDCON register, and the
LCD module will switch to this mode without contrast adjustment automatically.
In this mode, the operation of FCCTL[1:0], DUTY, CONTR[2:0] bits will have no effect.
The SLP LCD clock source is 256Hz, and the frame frequency is 64Hz. Changing the value of SLPD[4:0] will adjust the SLP
LCD display effect.
The SLP LCD Display Mode control registers are described in the following Table.
Table 8.9 SLP LCD Control Register
AFH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PLCON
-
SLPDUTY1 SLPDUTY0
SLPD4
SLPD3
SLPD2
SLPD1
SLPD0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
6-5
SLPDUTY[1:0]
LCD duty control
00: 1COM, LCD COM: COM1
01: 2COM, LCD COM: COM1-2
10: 3COM, LCD COM: COM1-3
11: 4COM, LCD COM: COM1-4
4-0
SLPD [4:0]
SLP LCD Duty select
SLP LCD clock source:
128
LCDCLK
F
pl =
Frame Frequency:
4
128
LCDCLK
F
frame
×
=
32
2
2
F
1
0]
:
SLPD[4
t1
pl
×
×
×
+
=
LCDCLK = 32KHz
COM1
COM2
COM3
COM4
SEGn
SEGn+1
COM4
COM3
COM2
COM1
SEGn+1
SEGn
2t1
t1
SLP LCD Mode Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com