Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 43 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 43 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
SH79F6488/SH79F6489
43
7.7.4 Port Share
The 72 bi-directional I/O ports can also share second or third special function. But the share priority should obey the Outer
Most Inner Lest rule:
The out most pin function in Pin Configuration has the highest priority, and the inner most pin function has the lowest priority.
This means when one pin is occupied by a higher priority function (if enabled), it cannot be used as the lower priority functional
pin, even the lower priority function is also enabled. Only until the higher priority function is closed by hardware or software, can
the corresponding pin be released for the lower priority function use. Also the function that need pull up resister is also
controlled by the same rule.
When port share function is enabled, the user can modify PxCR, PxPCR (x = 0-8), but these operations will have no effect on
the port status until the second function was disabled.
When port share function is enabled, any read or write operation to port will only affect the data register while the port pin keeps
unchanged until all the share functions are disabled.
PORT0:
- RXD/INT46/T2 (P0.0): EUART data input/external inturrupt46/Timer2 external input/baud-rate clock output
- TXD/INT47/T3 (P0.1): EUART data output/external inturrupt47/Timer3 external input
- D+ (P0.2): USB differential data Positive input/output (for SH79F6489)
- D - (P0.3): USB differential data Negative input/output (for SH79F6489)
- T2EX/INT0 (P0.4): Timer2 reload/capture control / external inturrupt0
- INT1 (P0.5): external inturrupt1
- INT2 (P0.6): external inturrupt2
- INT3 (P0.7): external inturrupt3
Table 7.24 PORT0 Share Table
Pin No.
Priority Function
Enable bit
PAD
LQFP64 LQFP80
24
16
18
1
TXD
When Write to SBUF Register
2
T2
Set TR2 bit and C/T
----
2
----
bit in T2CON register (Auto Pull up) or clear C/T
----
2
----
bit and set T2OE bit in T2MOD register
3
INT46
Set EX46 bit in IENC register, P0.0 in input mode
4
P0.0
Above condition is not met
25
17
19
1
RXD
Set REN bit in SCON Register (Auto Pull up)
2
T3
Set TR3 bit in T3CON register and T3CLKS[1:0] = 01 (Auto Pull up)
3
INT47
Set EX47 bit in IENC register, P0.1 in input mode
4
P0.1
Above condition is not met
26
18
20
1
D+
Set ENUSB bit in USBCON register (for SH79F6489)
2
P0.2
Above condition is not met
27
19
21
1
D-
Set ENUSB bit in USBCON register (for SH79F6489)
2
P0.3
Above condition is not met
28
20
22
1
T2EX
In mode0, 2, 3, set EXEN2 bit in T2CON register, or in mode 1 set
DCEN bit in T2CON register or in mode1, clear DCEN bit and set
EXEN2 bit (Auto Pull up)
2
INT0
Set EX0 bit in IEN0 Register and Port0.4 is in input mode
3
P0.4
Above condition is not met
29
-
23
1
INT1
Set EX1 bit in IEN0 Register and Port0.5 is in input mode
2
P0.5
Above condition is not met
30
-
24
1
INT2
Set EX2 bit in IEN1 Register and Port0.6 is in input mode
2
P0.6
Above condition is not met
31
-
25
1
INT3
Set EX3 bit in IEN1 Register and Port0.7 is in input mode
2
P0.7
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com