Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 64 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 64 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
SH79F6488/SH79F6489
64
7.10 Interrupt
7.10.1 Features
 SH79F6488 : 14 interrupt sources
 SH79F6489 : 15 interrupt sources
 4 interrupt priority levels
The SH79F6488/SH79F6489 provides total 14 interrupt sources: 5 external interrupts (INT0/1/2/3/4; INT4 including INT40-47,
which share the same vector address), 3 timer interrupts (Timer2, 3, 4), base timer interrupt, EUART interrupt, ADC Interrupt,
PWM interrupts and SCM interrupt which share the same vector address. The SH79F6489 also provides USB Interrupt.
7.10.2 Interrupt Enable Control
Each interrupt source can be individually enabled or disabled by setting or clearing the corresponding bit in the interrupt enable
registers IEN0 or IEN1. The IEN0 register also contains global interrupt enable bit, EA, which can enable/disable all the
interrupts at once. Generally, after reset, all interrupt enable bits are set to 0, which means that all the interrupts are disabled.
7.10.3 Registers
Table 7.43 Primary Interrupt Enable Register
A8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IEN0
EA
EADC
ET2
ES
ET3
EX1
ET4
EX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
EA
All interrupt enable bit
0: Disable all interrupt
1: Enable all interrupt
6
EADC
ADC interrupt enable bit
0: Disable ADC interrupt
1: Enable ADC interrupt
5
ET2
Timer2 overflow interrupt enable bit
0: Disable Timer2 overflow interrupt
1: Enable Timer2 overflow interrupt
4
ES
EUART interrupt enable bit
0: Disable EUART interrupt
1: Enable EUART interrupt
3
ET3
Timer3 overflow interrupt enable bit
0: Disable Timer3 overflow interrupt
1: Enable Timer3 overflow interrupt
2
EX1
External interrupt1 enable bit
0: Disable external interrupt1
1: Enable external interrupt1
1
ET4
Timer4 overflow interrupt enable bit
0: Disable Timer4 overflow interrupt
1: Enable Timer4 overflow interrupt
0
EX0
External interrupt0 enable bit
0: Disable external interrupt0
1: Enable external interrupt0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com