Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 54 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 54 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
SH79F6488/SH79F6489
54
Mode2: (Not recommending)
Mode3: Programmable Clock Output
To configure the Timer2 as a clock generator, bit C/T2
———
must be cleared and bit T2OE must be set. Bit TR2 starts and stops the
timer.
In this mode T2 will output a 50% duty cycle clock:
RCAP2L]
[RCAP2H,
65536
SYS
f
12
2
2
1
Frequency
Out
Clock
−
×
×
×
=
; TCLKP2 = 0
RCAP2L]
[RCAP2H,
65536
SYS
f
2
2
1
Frequency
Out
Clock
−
×
×
=
; TCLKP2 = 1
Timer2 overflow will not generate an interrupt, so it is possible to use Timer2 as a baud-rate generator and a clock output
simultaneously with the same frequency.
TR2
=0
=1
The Block Diagram of Programmable Clock output (Mode 3) of Timer2
T2
T2OE
TL2
TH2
RCAP2L
RCAP2H
EXEN2
EXF2
0:Switch Off
1:Switch On
T2EX
C/ T2
C/ T2
/2
/2
System Clock
0:Switch Off
1:Switch On
Timer2 Interrupt
Request
0:Switch Off
1:Switch On
Note:
(1) Both TF2 and EXF2 can cause timer2 interrupt request, and they have the same vector address.
(2) TF2 and EXF2 are set as 1 by hardware while event occurs. But they can also be set by software at any time. Only the
software and the hardware reset will be able to clear TF2 & EXF2 to 0.
(3) When EA = 1 & ET2 = 1, setting TF2 or EXF2 as 1 will cause a timer2 interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com