Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 25 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 25 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
SH79F6488/SH79F6489
25
7.2 RAM
7.2.1 Features
SH79F6488/SH79F6489 provides both internal RAM and external RAM for random data storage. The internal data memory is
mapped into four separated segments:
 The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly addressable.
 The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable only.
 The Special Function Registers (SFR, addresses 80H to FFH) are directly addressable only.
 The 2304 bytes of external RAM(addresses 00H to 8FFH) are indirectly accessed by MOVX instructions.
The Upper 128 bytes occupy the same address space as SFR, but they are physically separate from SFR space. When an
instruction accesses an internal location above address 7FH, the CPU can distinguish whether to access the upper 128 bytes
data RAM or to access SFR by different addressing mode of the instruction.
Note: the unused address is unavailable in SFR.
0900H
7FH
80H
FFH
FFH
80H
Upper 128 bytes
Internal Ram
indirect accesses
Lower 128 bytes
Internal Ram
direct or indirect accesses
Extenal
RAM
08FFH
Special
Function
Register
direct accesses
LCD RAM
0923H
00H
00H
The Internal and External RAM Configuration
The SH79F6488/SH79F6489 provides traditional method for accessing of external RAM. Use MOVXA, @Ri or MOVX @Ri, A;
to access external low 256 bytes RAM; MOVX A, @DPTR or MOVX @DPTR, A also to access external 256 bytes RAM.
In SH79F6488/SH79F6489 the user can also use XPAGE register to access external RAM only with MOVX A, @Ri or MOVX
@Ri, A instructions. The user can use XPAGE to represent the high byte address of RAM above 256 Bytes.
But SH79F6488/SH79F6489 only has 256 bytes external RAM, XPAGE must be set as 0.
In Flash SSP mode, the XPAGE can also be used as sector selector (Refer to SSP Function).
7.2.2 Registers
Table 7.3 Data Memory Page Register
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
XPAGE[7:0]
RAM Page Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com