Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 44 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 44 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
SH79F6488/SH79F6489
44
PORT1:
- VREF (P1.0): ADC reference voltage
- AIN0+ (P1.1): ADC positive differential input channel0
- AIN0- (P1.2): ADC negative differential input channel0
- AIN1+/AN0 (P1.3): ADC positive differential input channel1/ADC input channel0
- AIN1-/AN1 (P1.4): ADC negative differential input channel1/ADC input channel1
- AIN2+/AN2 (P1.5): ADC positive differential input channel2/ADC input channel2
- AIN2-/AN3 (P1.6): ADC negative differential input channel2/ADC input channel3
- VIN+ (P1.7): Positive PGA input/output
Table 7.25 PORT1 Share Table
Pin No.
Priority Function
Enable bit
PAD
LQFP64 LQFP80
34/35
22
27/28
1
VREF
Set VREFOS bit in ADCH register
2
P1.0
Above condition is not met
36
23
29
1
AIN0+
Set CH0 bit in ADCH register
2
P1.1
Above condition is not met
37
24
30
1
AIN0-
Set CH0 bit in ADCH register
2
P1.2
Above condition is not met
38
-
31
1
AIN1+
Set CH1P bit in ADCH register
2
AN0
Set CH1P bit in ADCH register
3
P1.3
Above condition is not met
39
-
32
1
AIN1-
Set CH1N bit in ADCH register
2
AN1
Set CH1N bit in ADCH register
3
P1.4
Above condition is not met
40
25
33
1
AIN2+
Set CH2P bit in ADCH register
2
AN2
Set CH2P bit in ADCH register
3
P1.5
Above condition is not met
41
26
34
1
AIN2-
Set CH2N bit in ADCH register
2
AN3
Set CH2N bit in ADCH register
3
P1.6
Above condition is not met
42
27
35
1
VIN+
Set VINOS bit in ADCDS register
2
P1.7
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com