Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 63 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 63 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
SH79F6488/SH79F6489
63
Table 7.42 Minute Register
C3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MIN
-
MIN6
MIN5
MIN4
MIN3
MIN2
MIN1
MIN0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
6-0
MIN[6:0]
This read/write register contains the current value (BCD) of the minute counter. This
register can be read at any time without affecting the counter count. Writing to this
register loads the value to the minute counter and the counter continues to count
from this new value. The minute counter rolls over to 0 after reaching 59. Writing a
value other than 0 to 59 to this register has no effect.
Be sure not to write a data such as ‘0x, 1x, 2x, 3x, 4x (x = A-F)’ to this register.
Note:
When OSC1CLK is selected as system clock(OSCSCLK) (FS = 0),and entering Power-down mode:
If base timer is off, OSC1CLK and OSC2CLK will turn off.
If base timer is on, OSC1CLK will keep on,OSC2CLK will turn off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com