Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 45 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 45 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
SH79F6488/SH79F6489
45
PORT2:
- VIN- (P2.0): Negative PGA input/output
- OP+/INT43 (P2.1): Positive OP input/output/external inturrupt43
- OP-/INT44 (P2.2): Negative OP input/output/external inturrupt44
- OP_O/INT45 (P2.3): OP output/external inturrupt45
- MOSI (P2.4): SPI master output slave input
- MISO (P2.5): SPI master input slave output
- SCK (P2.6): SPI serial clock
- SS
——
(P2.7): SPI Slave Select
Table 7.26 PORT2 Share Table
Pin No.
Priority Function
Enable bit
PAD
LQFP64 LQFP80
43
28
36
1
VIN-
Set VINOS bit in ADCDS register
2
P2.0
Above condition is not met
45
29
37
1
OP+
Set OPOS bit in OPCON register
2
INT43
Set EX43 bit in IENC Register and Port2.1 is in input mode
3
P2.1
Above condition is not met
46
30
38
1
OP-
Set OPOS bit in OPCON register
2
INT44
Set EX44 bit in IENC Register and Port2.2 is in input mode
3
P2.2
Above condition is not met
47
31
39
1
OP_O
Set OPOS bit in OPCON register
2
INT45
Set EX45 bit in IENC Register and Port2.3 is in input mode
3
P2.3
Above condition is not met
48
-
40
1
MOSI
Set SPEN bit in SPSTA Register
2
P2.4
Above condition is not met
49
-
41
1
MISO
Set SPEN bit in SPSTA Register
2
P2.5
Above condition is not met
50
-
42
1
SCK
Set SPEN bit in SPSTA Register
2
P2.6
Above condition is not met
51
-
43
1
SS
——
Set SPEN bit in SPSTA Register, Clear SSDIS bit in SPCON Register
2
P2.7
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com