Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 67 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 67 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
SH79F6488/SH79F6489
67
Table 7.47 External Interrupt Flag Register0
E8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EXF0
IT4.1
IT4.0
IT3.1
IT3.0
IT2.1
IT2.0
IE3
IE2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-6
IT4[1:0]
External interrupt4 trigger mode selection bits
00: Low Level trigger
01: Trigger on falling edge
10: Trigger on rising edge
11: Trigger on both edge
IT4 [1:0] is effect on external interrupt 4x at the same mode
5-4
IT3[1:0]
External interrupt3 trigger mode selection bits
00: Low Level trigger
01: Trigger on falling edge
10: Trigger on rising edge
11: Trigger on both edge
3-2
IT2[1:0]
External interrupt2 trigger mode selection bits
00: Low Level trigger
01: Trigger on falling edge
10: Trigger on rising edge
11: Trigger on both edge
1
IE3
External interrupt3 request flag bit
0: No interrupt pending
1: Interrupt is pending
0
IE2
External interrupt2 request flag bit
0: No interrupt pending
1: Interrupt is pending
Table 7.48 External Interrupt Flag Register1
D8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EXF1
IF47
IF46
IF45
IF44
IF43
IF42
IF41
IF40
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IF4x
(x = 0-7)
External interrupt4 request flag bit
0: No interrupt pending
1: Interrupt is pending
IF4x is cleared by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com