Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 29 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 29 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 152 page
background image
SH79F6488/SH79F6489
29
7.4 SSP Function
The SH79F6488/SH79F6489 provides SSP (Self Sector Programming) function, each sector can be sector erased or
programmed by the user’s code if the selected sector is not be protected. But once sector has been programmed, it cannot be
reprogrammed before sector erase.
The SH79F6488/SH79F6489 builds in a complex control flow to prevent the code from carelessly modification. If the dedicated
conditions are not met (IB_CON1-5), the SSP will be terminated.
7.4.1 SSP Registers
(1) Offset Register for Programming
For Flash memory, one sector is 1024 bytes, register defined as below:
Table 7.4 Offset Register for Programming
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-2
XPAGE[7:2]
Sector of the flash memory to be programmed, 000000---means sector 0, and so on
1-0
XPAGE[1:0]
High Address of Offset of the flash memory sector to be programmed
Table 7.5 Offset of Flash Memory for Programming
FBH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Low Address of Offset of the flash memory sector to be programmed
XPAGE[1:0] and IB_OFFSET[7:0] are total 10 bits, stored all sectors within the 1024 bytes offset.
For EEPROM-like memory, one sector is 256 bytes, total 8 sectors, register defined as below:
Table 7.6 Offset Register for Programming
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-3
XPAGE[7:3]
Reserved
2-0
XPAGE[2:0]
Sector of the flash memory to be programmed,
000: sector0
001: sector1
010: sector2
011: sector3
100: sector4
101: sector5
110: sector6
111: sector7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com