Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 61 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 61 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
SH79F6488/SH79F6489
61
Registers
Table 7.38 Timer4 Control Register
C8H, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
T4CON
TF4
TC4
T4PS1
T4PS0
T4M1
T4M0
TR4
T4CLKS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
TF4
Timer4 overflow flag bit
0: No overflow (cleared by hardware)
1: Overflow (Set by hardware)
6
TC4
Compare function Enable bit
When T4M[1:0] = 00
0: Disable compare function of Timer4
1: Enable compare function of Timer4
When T4M[1:0] = 10 or 11
0: Timer4 can’t be re-trigged
1: Timer4 can be re-trigged
5-4
T4PS[1:0]
Timer4 input clock Prescale Select bits
00: 1/1
01: 1/8
10: 1/64
11: 1/256
3-2
T4M[1:0]
Timer4 Mode Select bits
00: Mode0, 16-bit auto-reload up counter/timer
01: reserved
10: Mode2 with rising edge trig from pin T4 (system clock only, T4CLKS is invalid)
11: Mode2 with falling edge trig from pin T4 (system clock only, T4CLKS is invalid)
1
TR4
Timer4 start/stop control bit
0: Stop Timer4
1: Start Timer4
0
T4CLKS
Timer4 Clock Source select bit
0: System clock, T4 pin is used as I/O port
1: External clock from pin T4 (On the falling edge), the internal pull-up resister is
turned on
Table 7.39 Timer4 Reload/Counter Data Registers
CCH-CDH, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TL4
TL4.7
TL4.6
TL4.5
TL4.4
TL4.3
TL4.2
TL4.1
TL4.0
TH4
TH4.7
TH4.6
TH4.5
TH4.4
TH4.3
TH4.2
TH4.1
TH4.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
TL4.x
Timer4 Low & High byte counter, x = 0 - 7
TH4.x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com