Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 92 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 92 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 152 page
background image
SH79F6488/SH79F6489
92
Programming Note:
(1) PWMxEN bit can enable the PWMx module.
(2) PWMxSS (x = 0-2) bit is used to select the ports used as I/O ports or PWM outputs.
(3) EPWMx in IEN1 register and PWMxIE in PWMxCON can enable the PWMx Timer interrupt.
(4) The PWMx timer is control by PWMENx bit. If this bit is set to 1, but the PWMxSS (x = 0-2) bit is cleared to ‘0’, the PWMx
module used as a Timer, if the EPWMx bit in IEN1 register is set to ‘1’ and PWMxIF = 1, the interrupt also can be generated.
PWM clock tPWM
01
02
03
04
7D
7E
7F
05
80
EF
F0
01
02
03
04
PWMx output
(PWMxS=0)
PWM output duty cycle = 7FH x tPWM
PWMx output
(PWMxS=1)
PWM output period cycle = F0H x tPWM
PWMxP = F0H
PWMxD = 7FH
PWM output example
PWMx clock tPWM
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 01 02 03 04 05 06 07 08
Write PWMxP = 0DH
Write PWMxD = 07H
PWMx output
(PWMxS=0)
Period cycle = 0FH x tPWM
Duty cycle
= 06H x tPWM
Period cycle = 0DH x tPWM
Duty cycle
= 06H x tPWM
Duty cycle
= 07H x tPWM
PWM output Period or Duty cycle changing example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com